Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


RMPA5252 Datasheet(Fiches technique) 5 Page - Fairchild Semiconductor

Numéro de pièce RMPA5252
Description  4.9-5.9 GHz InGaP HBT WLAN Linear Power Amplifier
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo 

   
 5 page
background image
5
www.fairchildsemi.com
RMPA5252 Rev. C
Evaluation Board Bill of Materials
Evaluation Board Layout
Actual Board Size = 2.0" X 1.5"
Qty
Item No.
Part Number
Description
Vendor
1
1
F100064
PC Board
Fairchild
2
2
#142-0701-841
SMA Connector
Johnson
10
3
#S1322-XX-ND
RT Angle Sgl M Header
Digikey
Ref
4
Assembly, RMPA5252
Fairchild
4
5 (C1, C2, C3, C4)
250R07C150JV4
15pF Capacitor
Johanson
4
6 (C5, C6, C7, C8)
GRM36X7R103K25
10,000pF Capacitor
Murata
1
7 (C9)
GRM21BR60J106KE01L
10µF Capacitor
Murata
2
8 (L1, L3)
LL1005-FHL1N2S
1.2nH Inductor
Toko
2
9 (L2, L4)
LL1005-FHL2N2S
2.2nH Inductor
Toko
A/R
10
SN63
Solder Paste
Indium Corp.
A/R
11
SN96
Solder Paste
Indium Corp.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
RMPA52554.9-5.9 GHz WLAN Linear Power Amplifier Module 1 2 3 4 5 MoreFairchild Semiconductor
RMPA24552.4-2.5 GHz 1 Watt InGaP HBT Linear Power Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
RMPA24562.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
RMPA24582.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
RMPA25502.4-2.5 GHz and 5.15-5.85 GHz Dual Band InGaP HBT Linear Power Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
RMPA24532.4-2.5 GHz InGaP HBT Linear Power Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
RMPA52514.90-5.85 GHz InGaP HBT Linear Power Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
CHV2710-QJ2.5 GHz InGaP HBT 5W Linear Power Amplifier 1 2 3 4 5 MoreMimix Broadband
HMC414MS8GGaAs InGaP HBT MMIC POWER AMPLIFIER 2.2 - 2.8 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC415LP3GaAs InGaP HBT MMIC POWER AMPLIFIER 4.9 - 5.9 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl