Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


RMPA5252 Datasheet(Fiches technique) 4 Page - Fairchild Semiconductor

Numéro de pièce RMPA5252
Description  4.9-5.9 GHz InGaP HBT WLAN Linear Power Amplifier
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo 

   
 4 page
background image
4
www.fairchildsemi.com
RMPA5252 Rev. C
Schematic
Package Outline
16
1
2
3
4
12
11
10
9
15
14
13
56
78
Pin
Description
1GND
2RF IN
3GND
4VC1
5VC2
6N/C
7VM12
8VM34
9DT1
10
GND
11
RF OUT
12
GND
13
VC4
14
N/C
15
VC3
16
N/C
17
CENTER GND
Dimensions in mm




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
RMPA52554.9-5.9 GHz WLAN Linear Power Amplifier Module 1 2 3 4 5 MoreFairchild Semiconductor
RMPA24552.4-2.5 GHz 1 Watt InGaP HBT Linear Power Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
RMPA24562.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
RMPA24582.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
RMPA25502.4-2.5 GHz and 5.15-5.85 GHz Dual Band InGaP HBT Linear Power Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
RMPA24532.4-2.5 GHz InGaP HBT Linear Power Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
RMPA52514.90-5.85 GHz InGaP HBT Linear Power Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
CHV2710-QJ2.5 GHz InGaP HBT 5W Linear Power Amplifier 1 2 3 4 5 MoreMimix Broadband
HMC414MS8GGaAs InGaP HBT MMIC POWER AMPLIFIER 2.2 - 2.8 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC415LP3GaAs InGaP HBT MMIC POWER AMPLIFIER 4.9 - 5.9 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl