Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


RMPA5252 Datasheet(Fiches technique) 3 Page - Fairchild Semiconductor

Numéro de pièce RMPA5252
Description  4.9-5.9 GHz InGaP HBT WLAN Linear Power Amplifier
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo 

   
 3 page
background image
3
www.fairchildsemi.com
RMPA5252 Rev. C
Performance Data
802.11a OFDM Modulation
(176 µs burst time, 100 µs idle time) 54 Mbps Data Rate, 16.7 MHz Bandwidth
Note: Uncorrected EVM. Source EVM is approximately 0.8%.
Single Tone
0
5
10
15
20
25
30
35
40
-30
-25
-20
-15
-10
-5
0
5
10
4.555.566.5
RMPA5252 S-Parameters Vs. Frequency
VCC=3.3V VM12,VM34=2.4V T=25C
S21 (dB)
S11 (dB)
S22 (dB)
Frequency (GHz)
30
31
32
33
34
35
36
5
1015
2025
30
Gain Vs. Modulated Power Out
VCC=3.3V VM12, VM34=2.4V T=25C
4.9 GHz
5.1 GHz
5.3 GHz
5.5 GHz
5.7 GHz
5.9 GHz
Modulated Power Out (dBm)
0
1
2
3
4
5
6
7
8
5
101520
25
Total Measured EVM Vs. Modulated Power Out
VCC=3.3V VM12, VM34=2.4V T=25C
4.9 GHz
5.1 GHz
5.3 GHz
5.5 GHz
5.7 GHz
5.9 GHz
Modulated Power Out (dBm)
200
250
300
350
400
450
500
5
101520
2530
Total Current Vs. Modulated Power Out
VCC=3.3V VM12, VM34=2.4V T=25C
4.9 GHz
5.1 GHz
5.3 GHz
5.5 GHz
5.7 GHz
5.9 GHz
Modulated Power Out (dBm)
300
400
500
600
700
800
900
5
10
15202530
Detector Voltage Vs. Modulated Power Out
VCC=3.3V VM12, VM34=2.4V T=25C
4.9 GHz
5.1 GHz
5.3 GHz
5.5 GHz
5.7 GHz
5.9 GHz
Modulated Power Out (dBm)
26
28
30
32
34
36
5
1015202530
Gain Vs. Single Tone Power Out
VCC=3.3V VM12, VM34=2.4V T=25C
4.9 GHz
5.1 GHz
5.3 GHz
5.5 GHz
5.7 GHz
5.9 GHz
Single Tone Power Out (dBm)




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
RMPA52554.9-5.9 GHz WLAN Linear Power Amplifier Module 1 2 3 4 5 MoreFairchild Semiconductor
RMPA24552.4-2.5 GHz 1 Watt InGaP HBT Linear Power Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
RMPA24562.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
RMPA24582.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
RMPA25502.4-2.5 GHz and 5.15-5.85 GHz Dual Band InGaP HBT Linear Power Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
RMPA24532.4-2.5 GHz InGaP HBT Linear Power Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
RMPA52514.90-5.85 GHz InGaP HBT Linear Power Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
CHV2710-QJ2.5 GHz InGaP HBT 5W Linear Power Amplifier 1 2 3 4 5 MoreMimix Broadband
HMC414MS8GGaAs InGaP HBT MMIC POWER AMPLIFIER 2.2 - 2.8 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC415LP3GaAs InGaP HBT MMIC POWER AMPLIFIER 4.9 - 5.9 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl