Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NC7WP86 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce NC7WP86
Description  TinyLogic ULP Dual 2-Input Exclusive OR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WP86 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  NC7WP86 Datasheet HTML 1Page - Fairchild Semiconductor NC7WP86 Datasheet HTML 2Page - Fairchild Semiconductor NC7WP86 Datasheet HTML 3Page - Fairchild Semiconductor NC7WP86 Datasheet HTML 4Page - Fairchild Semiconductor NC7WP86 Datasheet HTML 5Page - Fairchild Semiconductor NC7WP86 Datasheet HTML 6Page - Fairchild Semiconductor NC7WP86 Datasheet HTML 7Page - Fairchild Semiconductor NC7WP86 Datasheet HTML 8Page - Fairchild Semiconductor NC7WP86 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Loading and Waveforms
FIGURE 1. AC Test Circuit
FIGURE 2. AC Waveforms
Symbol
VCC
3.3V
± 0.3V
2.5V
± 0.2V
1.8V
± 0.15V
1.5V
± 0.10V
1.2V
± 0.10V
0.9V
Vmi
1.5V
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
Vmo
1.5V
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2


Numéro de pièce similaire - NC7WP86

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
NC7WP00 FAIRCHILD-NC7WP00 Datasheet
192Kb / 9P
   TinyLogic ULP Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7WP00 ONSEMI-NC7WP00 Datasheet
292Kb / 11P
   ULP Dual 2-Input NAND Gate
Revised January 2005
NC7WP00 ONSEMI-NC7WP00 Datasheet
533Kb / 9P
   TinyLogic ULP-A Dual 2-Input NAND Gate
February, 2021 - Rev. 1
logo
Fairchild Semiconductor
NC7WP00K8X FAIRCHILD-NC7WP00K8X Datasheet
192Kb / 9P
   TinyLogic ULP Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7WP00K8X ONSEMI-NC7WP00K8X Datasheet
292Kb / 11P
   ULP Dual 2-Input NAND Gate
Revised January 2005
More results

Description similaire - NC7WP86

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NC7SP86 ONSEMI-NC7SP86 Datasheet
390Kb / 11P
   TinyLogic ULP 2-Input Exclusive OR Gate
Revised March 2004
logo
Fairchild Semiconductor
NC7SP86 FAIRCHILD-NC7SP86_04 Datasheet
295Kb / 9P
   TinyLogic ULP 2-Input Exclusive OR Gate
NC7SP86 FAIRCHILD-NC7SP86 Datasheet
306Kb / 9P
   TinyLogic ULP 2-Input Exclusive OR Gate
NC7SV86 FAIRCHILD-NC7SV86_04 Datasheet
295Kb / 9P
   TinyLogic ULP-A 2-Input Exclusive-OR Gate
NC7SV86 FAIRCHILD-NC7SV86 Datasheet
306Kb / 9P
   TinyLogic ULP-A 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NC7SV86 ONSEMI-NC7SV86_V01 Datasheet
297Kb / 9P
   TinyLogic ULP-A 2-Input Exclusive-OR Gate
February, 2021 ??Rev. 1
logo
Fairchild Semiconductor
NC7WP32 FAIRCHILD-NC7WP32 Datasheet
203Kb / 9P
   TinyLogic ULP Dual 2-Input OR Gate
NC7SV86P5X FAIRCHILD-NC7SV86P5X Datasheet
296Kb / 9P
   NC7SV86 TinyLogic田?ULP-A 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NC7SP32 ONSEMI-NC7SP32 Datasheet
389Kb / 11P
   TinyLogic ULP 2-Input OR Gate
Revised March 2004
logo
Fairchild Semiconductor
NC7SP32 FAIRCHILD-NC7SP32 Datasheet
306Kb / 9P
   TinyLogic ULP 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com