Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME78082JBTZ Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce AME78082JBTZ
Description  1A Positive Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

AME78082JBTZ Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  AME78082JBTZ Datasheet HTML 1Page - List of Unclassifed Manufacturers AME78082JBTZ Datasheet HTML 2Page - List of Unclassifed Manufacturers AME78082JBTZ Datasheet HTML 3Page - List of Unclassifed Manufacturers AME78082JBTZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AME78082JBTZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AME78082JBTZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AME78082JBTZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AME78082JBTZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AME78082JBTZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AME, Inc.
4
1A Positive Linear Regulator
AME78XX
n Ordering Information (contd.)
Please consult AME sales office or authorized Rep./Distributor for voltage accuracy and package type availability.
Note:ww & yyww represents date code
* a line on top of the first letter represents lead free plating such as AME.
Part Number
Marking*
Output Voltage
Package
Operating Temp. Range
AME7805AJCS
AME7805
AJCS
yyww
5V
TO-252
-40
oC to 125oC
AME7805AJCSZ
AME7805
AJCS
yyww
5V
TO-252
-40
oC to 125oC
AME7805AJBT
AME7805
AJBT
yyww
5V
TO-220
-40
oC to 125oC
AME7805AJBTZ
AME7805
AJBT
yyww
5V
TO-220
-40
oC to 125oC
AME7808AJCS
AME7808
AJCS
yyww
8V
TO-252
-40
oC to 125oC
AME7808AJCSZ
AME7808
AJCS
yyww
8V
TO-252
-40
oC to 125oC
AME7808AJBT
AME7808
AJBT
yyww
8V
TO-220
-40
oC to 125oC
AME7808AJBTZ
AME7808
AJBT
yyww
8V
TO-220
-40
oC to 125oC
AME7809AJCS
AME7809
AJCS
yyww
9V
TO-252
-40
oC to 125oC
AME7809AJCSZ
AME7809
AJCS
yyww
9V
TO-252
-40
oC to 125oC
AME7809AJBT
AME7809
AJBT
yyww
9V
TO-220
-40
oC to 125oC
AME7809AJBTZ
AME7809
AJBT
yyww
9V
TO-220
-40
oC to 125oC


Numéro de pièce similaire - AME78082JBTZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME78L05AJAT AME-AME78L05AJAT Datasheet
167Kb / 15P
   100mA Positive Linear Regulator
AME78L05AJATZ AME-AME78L05AJATZ Datasheet
167Kb / 15P
   100mA Positive Linear Regulator
AME78L05AJFT AME-AME78L05AJFT Datasheet
167Kb / 15P
   100mA Positive Linear Regulator
AME78L05AJFTZ AME-AME78L05AJFTZ Datasheet
167Kb / 15P
   100mA Positive Linear Regulator
AME78L05AJHA AME-AME78L05AJHA Datasheet
167Kb / 15P
   100mA Positive Linear Regulator
More results

Description similaire - AME78082JBTZ

FabricantNo de pièceFiches techniqueDescription
logo
Sipex Corporation
SPX2810 SIPEX-SPX2810 Datasheet
94Kb / 13P
   1A Low Dropout Positive Linear Regulator
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM78 TAITRON-LM78 Datasheet
379Kb / 12P
   1A Positive Voltage Regulator
LM7805AT TAITRON-LM7805AT Datasheet
443Kb / 15P
   1A Positive Voltage Regulator
logo
ACE Technology Co., LTD...
ACE1557B ACE-ACE1557B_14 Datasheet
52Kb / 1P
   1A Bipolar Linear Regulator
2014/12/23
logo
Cherry Semiconductor Co...
CS5201-1 CHERRY-CS5201-1 Datasheet
171Kb / 7P
   1A Adjustable Linear Regulator
logo
ACE Technology Co., LTD...
ACE1117H ACE-ACE1117H Datasheet
897Kb / 11P
   1A Bipolar Linear Regulator
VER 1.2
ACE1117C ACE-ACE1117C Datasheet
554Kb / 11P
   1A Bipolar Linear Regulator
VER 1.3
logo
ON Semiconductor
CS8121 ONSEMI-CS8121 Datasheet
102Kb / 8P
   5V, 1A Linear Regulator
December, 2001 - Rev. 7
logo
SHANGHAI BELLING CO., L...
BL1117 BELLING-BL1117_16 Datasheet
1Mb / 15P
   1A Bipolar Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com