Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA3883E Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce KA3883E
Description  SMPS Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3883E Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  KA3883E Datasheet HTML 1Page - Fairchild Semiconductor KA3883E Datasheet HTML 2Page - Fairchild Semiconductor KA3883E Datasheet HTML 3Page - Fairchild Semiconductor KA3883E Datasheet HTML 4Page - Fairchild Semiconductor KA3883E Datasheet HTML 5Page - Fairchild Semiconductor KA3883E Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1
Features
• Low start current 0.2mA (typ)
• Operating range up to 500kHz
• Cycle by cycle current limiting
• Under voltage lock out with hysteresis
• Short shutdown delay time: typ.100ns
• High current totem-pole output
• Output swing limiting: 22V
Description
The KA3882E/KA3883E is a fixed PWM controller for
Off-Line and DC to DC converter applications. The internal
circuits include a UVLO, a low start-up current circuit, a
temperature compensated reference, a high gain error
amplifier, a current sensing comparator, and the high current
totem-pole output for driving a POWER MOSFET. Also the
KA3882E/KA3883E provides low start-up current below
0.3mA and short shutdown delay time typ. 100ns. The
KA3882E has UVLO threshold of 16V(on) and 10V(off).
The KA3883E is 8.4V(on) and 7.6V(off). The KA3882E and
KA3883E can operate within 100% duty cycle.
8-DIP
8-SOP
1
1
Internal Block Diagram
8
+
-
7
5
SET/
RESET
5V
VREF
Internal
Bias
Good LOGIC
2
R
S
OSCILLATOR
1
3
4
T
7
6
5
UVLO
29V
22V
1/3
Error Amp
1/2VREF
1V
C.S
Comp.
PWM
LATCH
VREF
VFB
COMP
C.S
RT/CT
OUTPUT
VCC
GND
PWR
VC
PWR
GND
KA3882E/KA3883E
SMPS Controller


Numéro de pièce similaire - KA3883E

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA3883 FAIRCHILD-KA3883 Datasheet
69Kb / 5P
   SMPS CONTROLLER
KA3883C FAIRCHILD-KA3883C Datasheet
43Kb / 6P
   SMPS Controller
KA3883C FAIRCHILD-KA3883C Datasheet
48Kb / 6P
   SMPS Controller
KA3883C FAIRCHILD-KA3883C Datasheet
48Kb / 6P
   SMPS Controller
KA3883CD FAIRCHILD-KA3883CD Datasheet
43Kb / 6P
   SMPS Controller
More results

Description similaire - KA3883E

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com