Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AZ34063 Datasheet(Fiches technique) 6 Page - List of Unclassifed Manufacturers

Numéro de pièce AZ34063
Description  0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Télécharger  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo 

 6 page
background image
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063
Data Sheet
6
Apr. 2005 Rev. 2. 1
BCD Semiconductor Manufacturing Limited
Figure 4. Output Switch On-Off Time vs.
Figure 5. Timing Capacitor Waveform
Typical Performance Characteristics
Oscillator Timing Capacitor
Time. 10 s/DIV
IC output
10
Forced
of output switch:
* The 100
resistor in the emitter of the driver device requires about 7.0 mA before the output switch conducts.
IC driver - 7.0mA*
Electrical Characteristics (Continued)
0.01
0.1
1
10
1
10
100
V
CC
=5.0V
Pin 7=V
CC
Pin 5=Gnd
T
A
=25
OC
t
off
t
on
C
T
. Oscillator Timing Capacitor (nF)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MAX17600.8A Low-Noise 1MHz Step-Up DC-DC Converter 1 2 3 4 5 MoreMaxim Integrated Products
AZ34063C0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AN8016NSHSingle-channel 1.8-volt step-up DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
GS1T70-D540FISDN DC-DC CONVERTER FRENCH VERSION 1 2 3 4 STMicroelectronics
GS300T48-5300W DC-DC CONVERTER 1 2 3 4 5 MoreSTMicroelectronics
TK11830POSITIVE-TO-NEGATIVE DC-DC CONVERTER 1 2 3 4 5 MoreTOKO, Inc
2SC4157NPN TRIPLE DIFFUSED TYPE SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING HIGH SPEED DC-DC CONVERTER APPLICATIONS 1 2 Toshiba Semiconductor
2SC5459NPN TRIPLE DIFFUSED TYPE SWITCHING REGULATOR HIGH VOLTAGE SWITCHING DC-DC CONVERTER APPLICATIONS 1 2 3 Toshiba Semiconductor
2SJ378P CHANNEL MOS TYPE HIGH CURRENT SWITCHING RELAY DRIVE DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
2SK2201N CHANNEL MOS TYPE HIGH SPEED HIGH VOLTAGE SWITCHING CHOPPER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl