Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AZ34063 Datasheet(Fiches technique) 4 Page - List of Unclassifed Manufacturers

Numéro de pièce AZ34063
Description  0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Télécharger  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo 

 
 4 page
background image
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063
Data Sheet
4
Apr. 2005 Rev. 2. 1
BCD Semiconductor Manufacturing Limited
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Note 2: Maximum package power dissipation limits must be observed.
Recommended Operating Conditions
Parameter
Symbol
Value
Unit
Power Supply Voltage
VCC
40
V
Comparator Input Voltage Range
VIR
-0.3 to 7
V
Switch Collector Voltage
VC(switch)
40
V
Switch Emitter Voltage (Vpin1=40V)
VE(switch)
40
V
Switch Collector to Emitter Voltage
VCE(switch)
40
V
Driver Collector Voltage
VC(driver)
40
V
Driver Collector Current (Note 2)
IC(driver)
100
mA
Switch Current
ISW
0.8
A
Power Dissipation and Thermal Characteristics
Plastic Package,
Power Dissipation (TA = 25
)
Thermal Resistance
SOIC Package,
Power Dissipation (TA = 25
)
Thermal Resistance
PD
R J
PD
R JA
1.25
100
625
160
W
/W
mW
/W
Operating Junction Temperature
TJ
150
Storage Temperature Range
TSTG
-65 to 150
ESD (Human body model)
2000
V
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
336
V
Ambient Temperature
TA
-40
85
oC




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MAX17600.8A Low-Noise 1MHz Step-Up DC-DC Converter 1 2 3 4 5 MoreMaxim Integrated Products
AZ34063C0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AN8016NSHSingle-channel 1.8-volt step-up DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
GS1T70-D540FISDN DC-DC CONVERTER FRENCH VERSION 1 2 3 4 STMicroelectronics
GS300T48-5300W DC-DC CONVERTER 1 2 3 4 5 MoreSTMicroelectronics
TK11830POSITIVE-TO-NEGATIVE DC-DC CONVERTER 1 2 3 4 5 MoreTOKO, Inc
2SC4157NPN TRIPLE DIFFUSED TYPE SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING HIGH SPEED DC-DC CONVERTER APPLICATIONS 1 2 Toshiba Semiconductor
2SC5459NPN TRIPLE DIFFUSED TYPE SWITCHING REGULATOR HIGH VOLTAGE SWITCHING DC-DC CONVERTER APPLICATIONS 1 2 3 Toshiba Semiconductor
2SJ378P CHANNEL MOS TYPE HIGH CURRENT SWITCHING RELAY DRIVE DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
2SK2201N CHANNEL MOS TYPE HIGH SPEED HIGH VOLTAGE SWITCHING CHOPPER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl