Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AZ34063 Datasheet(Fiches technique) 3 Page - List of Unclassifed Manufacturers

Numéro de pièce AZ34063
Description  0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Télécharger  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo 

 
 3 page
background image
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063
Data Sheet
3
Apr. 2005 Rev. 2. 1
BCD Semiconductor Manufacturing Limited
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOIC-8
-40 to 85oC
AZ34063M
AZ34063M-E1
34063M
34063M-E1
Tube
AZ34063MTR
AZ34063MTR-E1
34063M
34063M-E1
Tape & Reel
DIP-8
-40 to 85oC
AZ34063P
AZ34063P-E1
AZ34063P
AZ34063P-E1
Tube
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Circuit Type
Package
M: SOIC-8
E1: Lead Free
Blank: Tin Lead
AZ34063
-
TR: Tape and Reel
Blank: Tube
P: DIP-8
Pin Number
Pin Name
Function
1
Switch Collector
Internal switch transistor collector
2
Switch Emitter
Internal switch transistor emitter
3
Timing Capacitor
Timing Capacitor to control the switching frequency
4
GND
Ground pin for all internal circuits
5
Comparator Inverting Input
Inverting input pin for internal comparator
6VCC
Voltage supply
7IPK Sense
Peak Current Sense Input by monitoring the voltage drop across an
external I sense resistor to limit the peak current through the switch
8
Driver Collector
Voltage driver collector
Pin Description
Ordering Information




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MAX17600.8A Low-Noise 1MHz Step-Up DC-DC Converter 1 2 3 4 5 MoreMaxim Integrated Products
AZ34063C0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AN8016NSHSingle-channel 1.8-volt step-up DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
GS1T70-D540FISDN DC-DC CONVERTER FRENCH VERSION 1 2 3 4 STMicroelectronics
GS300T48-5300W DC-DC CONVERTER 1 2 3 4 5 MoreSTMicroelectronics
TK11830POSITIVE-TO-NEGATIVE DC-DC CONVERTER 1 2 3 4 5 MoreTOKO, Inc
2SC4157NPN TRIPLE DIFFUSED TYPE SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING HIGH SPEED DC-DC CONVERTER APPLICATIONS 1 2 Toshiba Semiconductor
2SC5459NPN TRIPLE DIFFUSED TYPE SWITCHING REGULATOR HIGH VOLTAGE SWITCHING DC-DC CONVERTER APPLICATIONS 1 2 3 Toshiba Semiconductor
2SJ378P CHANNEL MOS TYPE HIGH CURRENT SWITCHING RELAY DRIVE DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
2SK2201N CHANNEL MOS TYPE HIGH SPEED HIGH VOLTAGE SWITCHING CHOPPER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl