Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVX244 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce 74LVX244
Description  Octal Bus Buffer With 5V?뭈olerant Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVX244 Fiches technique(HTML) 2 Page - ON Semiconductor

  74LVX244 Datasheet HTML 1Page - ON Semiconductor 74LVX244 Datasheet HTML 2Page - ON Semiconductor 74LVX244 Datasheet HTML 3Page - ON Semiconductor 74LVX244 Datasheet HTML 4Page - ON Semiconductor 74LVX244 Datasheet HTML 5Page - ON Semiconductor 74LVX244 Datasheet HTML 6Page - ON Semiconductor 74LVX244 Datasheet HTML 7Page - ON Semiconductor 74LVX244 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC74LVX244
http://onsemi.com
2
Figure 1. 20−Lead Pinout (Top View)
Figure 2. Logic Diagram
19
20
18
17
16
15
14
2
1
34567
VCC
13
8
12
9
11
10
2OE 1O0 2D0 1O1 2D1 1O2
2D2 1O3
2D3
1OE 1D0 2O0 1D1 2O1 1D2 2O2
1D3 2O3 GND
1OE
1
1D0
2
1O0
18
1D1
4
1O1
16
1D2
6
1O2
14
1D3
8
1O3
12
2OE
19
2D0
17
2O0
3
2D1
15
2O1
5
2D2
13
2O2
7
2D3
11
2O3
9
1OE, 2OE
1Dn, 2Dn
1On, 2On
L
L
H
L
H
X
L
H
Z
INPUTS
OUTPUTS
FUNCTION TABLE
PIN NAMES
Function
Output Enable Inputs
Data Inputs
3−State Outputs
Pins
nOE
1Dn, 2Dn
1On, 2On
ORDERING INFORMATION
Device
Package
Shipping
MC74LVX244DWR2
SOIC−20
1000 Tape & Reel
MC74LVX244DWR2G
SOIC−20
(Pb−Free)
1000 Tape & Reel
MC74LVX244DT
TSSOP−20*
50 Units / Rail
MC74LVX244DTR2
TSSOP−20*
2500 Tape & Reel
MC74LVX244M
SOEIAJ−20
50 Units / Rail
MC74LVX244MEL
SOEIAJ−20
2000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


Numéro de pièce similaire - 74LVX244

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVX244 FAIRCHILD-74LVX244 Datasheet
72Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
STMicroelectronics
74LVX244 STMICROELECTRONICS-74LVX244 Datasheet
257Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
logo
ON Semiconductor
74LVX244 ONSEMI-74LVX244 Datasheet
190Kb / 8P
   Low Voltage Octal Buffer/Line Driver
Revised April 2005
logo
Fairchild Semiconductor
74LVX244M FAIRCHILD-74LVX244M Datasheet
72Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74LVX244M ONSEMI-74LVX244M Datasheet
190Kb / 8P
   Low Voltage Octal Buffer/Line Driver
Revised April 2005
More results

Description similaire - 74LVX244

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74LVX240 ONSEMI-MC74LVX240 Datasheet
95Kb / 8P
   Octal Bus Buffer Inverting With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
MC74LVX126 ONSEMI-MC74LVX126 Datasheet
91Kb / 5P
   Quad Bus Buffe With 5V?뭈olerant Inputs
February, 2005 ??Rev. 2
MC74LVX245 ONSEMI-MC74LVX245 Datasheet
100Kb / 8P
   Octal Bus Transceiver With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
logo
Toshiba Semiconductor
TC74LCX541F TOSHIBA-TC74LCX541F Datasheet
283Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ541FK TOSHIBA-TC7MZ541FK Datasheet
240Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ244FK TOSHIBA-TC7MZ244FK Datasheet
229Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX244F TOSHIBA-TC74LCX244F Datasheet
281Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
MC74LVX373 ONSEMI-MC74LVX373 Datasheet
101Kb / 8P
   Octal D-Type Latch with 3-State Outputs With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
Toshiba Semiconductor
TC74HC7240AP TOSHIBA-TC74HC7240AP Datasheet
215Kb / 5P
   OCTAL BUS BUFFER (WITH SCHMITT TRIGGER INPUTS)
TC74HC7240AP TOSHIBA-TC74HC7240AP_07 Datasheet
260Kb / 7P
   Octal Bus Buffer (with schmitt trigger inputs)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com