Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HR6IMA10C1 Fiches technique(PDF) 2 Page - Schneider Electric

No de pièce HR6IMA10C1
Description  Surge Protect - IMA - HR - 100kA - 240VAC delta - 3P3W - T1
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SCHNEIDER [Schneider Electric]
Site Internet  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HR6IMA10C1 Fiches technique(HTML) 2 Page - Schneider Electric

  HR6IMA10C1 Datasheet HTML 1Page - Schneider Electric HR6IMA10C1 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Depth
5.59 in (142.1 mm)
Cable length
19.02 in (483 mm)
Environment
Enclosure Rating
NEMA 1
Standards
UL 1449:ed. 3
CSA C22.2 No 8:1986
UL 96A:ed. 12
UL 489:ed. 11
CSA C22.2 No 5-09
Ordering and shipping details
Category
08460 - SURGE PROTECTION I-LINE
Discount Schedule
DE1B
Returnability
No
Country of origin
MX
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds which is
known to the State of California to cause Carcinogen & Reproductive harm. For more information go
to www.p65warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
2


Numéro de pièce similaire - HR6IMA10C1

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
HR6IMA10C SCHNEIDER-HR6IMA10C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 100kA - 240VAC delta - 3P3W - T2
More results

Description similaire - HR6IMA10C1

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
HR6IMA10C SCHNEIDER-HR6IMA10C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 100kA - 240VAC delta - 3P3W - T2
HR9IMA10C1 SCHNEIDER-HR9IMA10C1 Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 100kA - 600VAC delta - 3P3W - T1
HR5IMA10C1 SCHNEIDER-HR5IMA10C1 Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 100kA - 480VAC delta - 3P3W - T1
HR6IMA16C1 SCHNEIDER-HR6IMA16C1 Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 160kA - 240VAC delta - 3P3W - T1
HR6IMA24C1 SCHNEIDER-HR6IMA24C1 Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 240kA - 240VAC delta - 3P3W - T1
HR6IMA12C1 SCHNEIDER-HR6IMA12C1 Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 120kA - 240VAC delta - 3P3W - T1
HR6IMA20C1 SCHNEIDER-HR6IMA20C1 Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 200kA - 240VAC delta - 3P3W - T1
HL6IMA10C1 SCHNEIDER-HL6IMA10C1 Datasheet
151Kb / 2P
   Surge Protect - IMA - HL - 100kA - 240VAC delta - 3P3W - T1
HR9IMA10C SCHNEIDER-HR9IMA10C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 100kA - 600VAC delta - 3P3W - T2
HR5IMA10C SCHNEIDER-HR5IMA10C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 100kA - 480VAC delta - 3P3W - T2
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com