Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74HCS125-Q1 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74HCS125-Q1
Description  SN74HCS125-Q1 Automotive Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCS125-Q1 Fiches technique(HTML) 1 Page - Texas Instruments

  SN74HCS125-Q1 Datasheet HTML 1Page - Texas Instruments SN74HCS125-Q1 Datasheet HTML 2Page - Texas Instruments SN74HCS125-Q1 Datasheet HTML 3Page - Texas Instruments SN74HCS125-Q1 Datasheet HTML 4Page - Texas Instruments SN74HCS125-Q1 Datasheet HTML 5Page - Texas Instruments SN74HCS125-Q1 Datasheet HTML 6Page - Texas Instruments SN74HCS125-Q1 Datasheet HTML 7Page - Texas Instruments SN74HCS125-Q1 Datasheet HTML 8Page - Texas Instruments SN74HCS125-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74HCS125-Q1
SCLS752 – APRIL 2020
SN74HCS125-Q1 Automotive Quadruple Buffer with 3-State Outputs and Schmitt-Trigger
Inputs
1
1 Features
1
AEC-Q100 Qualified for automotive applications:
Device temperature grade 1: –40°C to +125°C,
TA
Device HBM ESD Classification Level 2
Device CDM ESD Classifcation Level C6
Wide operating voltage range: 2 V to 6 V
Schmitt-trigger inputs allow for slow or noisy input
signals
Low power consumption
Typical ICC of 100 nA
Typical input leakage current of ±100 nA
±7.8-mA output drive at 5 V
2 Applications
Enable or disable a digital signal
Controlling an indicator LED
Debounce a switch
Eliminate slow or noisy input signals
3 Description
This device contains four independent buffers with 3-
state outputs and Schmitt-trigger inputs. Each buffer
performs the Boolean function Y = A in positive logic.
The outputs can be put into a Hi-Z state by applying a
High on the OE pin.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74HCS125QPWRQ1
TSSOP (14)
5.00 mm × 4.40 mm
SN74HCS125QDRQ1
SOIC (14)
8.70 mm × 3.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Benefits of Schmitt-trigger Inputs


Numéro de pièce similaire - SN74HCS125-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74HCS125-Q1 TI-SN74HCS125-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   SN74HCS125 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS125-Q1 TI-SN74HCS125-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   SN74HCS125-Q1 Automotive Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS125-Q1 TI-SN74HCS125-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS125 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS125-Q1 TI-SN74HCS125-Q1_V01 Datasheet
1Mb / 28P
[Old version datasheet]   SN74HCS125-Q1 Automotive Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS125-Q1 TI-SN74HCS125-Q1_V02 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS125-Q1 Automotive Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
DECEMBER 2021
More results

Description similaire - SN74HCS125-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74HCS125-Q1 TI-SN74HCS125-Q1_V02 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS125-Q1 Automotive Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS125-Q1 TI-SN74HCS125-Q1_V01 Datasheet
1Mb / 28P
[Old version datasheet]   SN74HCS125-Q1 Automotive Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS125 TI-SN74HCS125_V02 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS125 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS125 TI-SN74HCS125_V01 Datasheet
1Mb / 25P
[Old version datasheet]   SN74HCS125 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS125 TI1-SN74HCS125 Datasheet
300Kb / 15P
[Old version datasheet]   SN74HCS125 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS126-Q1 TI1-SN74HCS126-Q1 Datasheet
459Kb / 19P
[Old version datasheet]   SN74HCS126-Q1 Automotive Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS126 TI1-SN74HCS126 Datasheet
1,001Kb / 21P
[Old version datasheet]   SN74HCS126 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS245-Q1 TI-SN74HCS245-Q1_V01 Datasheet
2Mb / 28P
[Old version datasheet]   SN74HCS245-Q1 Automotive Octal Bus Transceivers With 3-State Outputs and Schmitt-Trigger Inputs
FEBRUARY 2022
SN74HCS245-Q1 TI-SN74HCS245-Q1 Datasheet
764Kb / 19P
[Old version datasheet]   SN74HCS245-Q1 Automotive Octal Bus Transceivers With 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS251-Q1 TI-SN74HCS251-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   SN74HCS251-Q1 Automotive 8-to-1 Multiplexer with 3-State Outputs and Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com