Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCM1840 Fiches technique(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
No de pièce PCM1840
Description  PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1840 Fiches technique(HTML) 18 Page - Texas Instruments

Back Button PCM1840 Datasheet HTML 14Page - Texas Instruments PCM1840 Datasheet HTML 15Page - Texas Instruments PCM1840 Datasheet HTML 16Page - Texas Instruments PCM1840 Datasheet HTML 17Page - Texas Instruments PCM1840 Datasheet HTML 18Page - Texas Instruments PCM1840 Datasheet HTML 19Page - Texas Instruments PCM1840 Datasheet HTML 20Page - Texas Instruments PCM1840 Datasheet HTML 21Page - Texas Instruments PCM1840 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Normalized Frequency (1/fS)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D001
Normalized Frequency (1/fS)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
D001
18
PCM1840
SBAS989 – APRIL 2019
www.ti.com
Product Folder Links: PCM1840
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.3.7.2 Configurable Digital Decimation Filters
The device record channel includes a high dynamic range, built-in digital decimation filter to process the
oversampled data from the multibit delta-sigma (ΔΣ) modulator to generate digital data at the same Nyquist
sampling rate as the FSYNC rate. The decimation filter can be chosen from two different types only in slave
mode, depending on the required frequency response, group delay, and phase linearity requirements for the
target application. The selection of the decimation filter option can be done by the MD0 pin. Table 7 shows the
decimation filter mode selection for the record channel.
Table 7. Decimation Filter Mode Selection for the Record Channel
MD0
DECIMATION FILTER MODE SELECTION (Supported Only in Slave Mode)
LOW
Linear phase filters are used for the decimation in slave mode. For master mode, the device
always use linear phase filters for the decimation.
HIGH
Low latency filters are used for the decimation in slave mode. For master mode, the device
always use linear phase filters for the decimation.
7.3.7.2.1
Linear Phase Filters
The linear phase decimation filters are the default filters set by the device and can be used for all applications
that require a perfect linear phase with zero-phase deviation within the pass-band specification of the filter. The
filter performance specifications and various plots for all supported output sampling rates are listed in this
section.
7.3.7.2.1.1
Sampling Rate: 8 kHz or 7.35 kHz
Figure 24 and Figure 25 respectively show the magnitude response and the pass-band ripple for a decimation
filter with a sampling rate of 8 kHz or 7.35 kHz. Table 8 lists the specifications for a decimation filter with an
8-kHz or 7.35-kHz sampling rate.
Figure 24. Linear Phase Decimation Filter Magnitude
Response
Figure 25. Linear Phase Decimation Filter Pass-Band
Ripple
Table 8. Linear Phase Decimation Filter Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pass-band ripple
Frequency range is 0 to 0.454 × fS
–0.05
0.05
dB
Stop-band attenuation
Frequency range is 0.58 × fS to 4 × fS
72.7
dB
Frequency range is 4 × fS onwards
81.2
Group delay or latency
Frequency range is 0 to 0.454 × fS
17.1
1/fS


Numéro de pièce similaire - PCM1840

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
PCM1800 BURR-BROWN-PCM1800 Datasheet
172Kb / 15P
   Single-Ended Analog Input 20-Bit Stereo ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
PCM1800 TI1-PCM1800 Datasheet
829Kb / 27P
[Old version datasheet]   STEREO ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
PCM1800E BURR-BROWN-PCM1800E Datasheet
172Kb / 15P
   Single-Ended Analog Input 20-Bit Stereo ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
PCM1800E TI1-PCM1800E Datasheet
829Kb / 27P
[Old version datasheet]   STEREO ANALOG-TO-DIGITAL CONVERTER
PCM1800E/2K TI1-PCM1800E/2K Datasheet
829Kb / 27P
[Old version datasheet]   STEREO ANALOG-TO-DIGITAL CONVERTER
More results

Description similaire - PCM1840

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
PCM1820 TI-PCM1820_V02 Datasheet
3Mb / 41P
[Old version datasheet]   PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED JUNE 2021
PCM1820 TI-PCM1820_V01 Datasheet
3Mb / 41P
[Old version datasheet]   PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820 Datasheet
2Mb / 40P
[Old version datasheet]   PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1822 TI-PCM1822 Datasheet
2Mb / 41P
[Old version datasheet]   PCM1822 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
MAY 2022
PCM1822-Q1 TI-PCM1822-Q1_V01 Datasheet
3Mb / 44P
[Old version datasheet]   PCM1822-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
PCM1822-Q1 TI-PCM1822-Q1 Datasheet
3Mb / 43P
[Old version datasheet]   PCM1822-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
APRIL 2022
TLV320ADC3140 TI1-TLV320ADC3140_V02 Datasheet
3Mb / 123P
[Old version datasheet]   TLV320ADC3140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC3140 TI1-TLV320ADC3140_V01 Datasheet
3Mb / 120P
[Old version datasheet]   TLV320ADC3140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
PCM1820-Q1 TI-PCM1820-Q1_V01 Datasheet
3Mb / 44P
[Old version datasheet]   PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
PCM1820-Q1 TI-PCM1820-Q1 Datasheet
3Mb / 44P
[Old version datasheet]   PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com