Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPA202 Fiches technique(PDF) 14 Page - Texas Instruments

No de pièce OPA202
Description  OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OPA202 Fiches technique(HTML) 14 Page - Texas Instruments

Back Button OPA202_V05 Datasheet HTML 10Page - Texas Instruments OPA202_V05 Datasheet HTML 11Page - Texas Instruments OPA202_V05 Datasheet HTML 12Page - Texas Instruments OPA202_V05 Datasheet HTML 13Page - Texas Instruments OPA202_V05 Datasheet HTML 14Page - Texas Instruments OPA202_V05 Datasheet HTML 15Page - Texas Instruments OPA202_V05 Datasheet HTML 16Page - Texas Instruments OPA202_V05 Datasheet HTML 17Page - Texas Instruments OPA202_V05 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
0.01
0.1
1
120
130
140
150
160
±75
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
C001
Time (1 s/div)
C017
0
20
40
60
80
100
120
140
160
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
CMRR
+PSRR
±PSRR
C004
0.01
0.1
1
10
100
110
120
130
140
150
160
±75 ±50 ±25
0
25
50
75
100
125
150
Temperature (ƒC)
C001
14
14.5
15
15.5
16
16.5
17
17.5
18
0
5
10
15
20
25
30
35
40
45
50
Output Current (mA)
C001
125°C
85°C
25°C
±40°C
-18
-17.5
-17
-16.5
-16
-15.5
-15
-14.5
-14
0
5
10
15
20
25
30
35
40
45
50
Output Current (mA)
C001
125°C
85°C
25°C
±40°C
14
OPA202, OPA2202, OPA4202
SBOS812G – OCTOBER 2017 – REVISED MARCH 2020
www.ti.com
Product Folder Links: OPA202 OPA2202 OPA4202
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Figure 13. Output Voltage Swing vs Output Current
(Sourcing)
Figure 14. Output Voltage Swing vs Output Current
(Sinking)
Figure 15. CMRR and PSRR vs Frequency
Figure 16. CMRR vs Temperature
Figure 17. PSRR vs Temperature
Figure 18. 0.1-Hz to 10-Hz Voltage Noise


Numéro de pièce similaire - OPA202_V05

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
OPA202 TI1-OPA202_V01 Datasheet
3Mb / 45P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V02 Datasheet
3Mb / 47P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V03 Datasheet
3Mb / 47P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V04 Datasheet
3Mb / 48P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V06 Datasheet
3Mb / 49P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
More results

Description similaire - OPA202_V05

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
OPA202 TI-OPA202_V08 Datasheet
3Mb / 50P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V02 Datasheet
3Mb / 47P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V07 Datasheet
3Mb / 50P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V06 Datasheet
3Mb / 49P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V03 Datasheet
3Mb / 47P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V01 Datasheet
3Mb / 45P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V04 Datasheet
3Mb / 48P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202_1812 TI1-OPA202_1812 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202 TI1-OPA202 Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202 TI1-OPA202_18 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com