Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSP430FR6007 Fiches technique(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
No de pièce MSP430FR6007
Description  MSP430FR600x Ultrasonic Sensing MSP430??Microcontrollers for Water?멝etering Applications
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR6007 Fiches technique(HTML) 83 Page - Texas Instruments

Back Button MSP430FR6007 Datasheet HTML 79Page - Texas Instruments MSP430FR6007 Datasheet HTML 80Page - Texas Instruments MSP430FR6007 Datasheet HTML 81Page - Texas Instruments MSP430FR6007 Datasheet HTML 82Page - Texas Instruments MSP430FR6007 Datasheet HTML 83Page - Texas Instruments MSP430FR6007 Datasheet HTML 84Page - Texas Instruments MSP430FR6007 Datasheet HTML 85Page - Texas Instruments MSP430FR6007 Datasheet HTML 86Page - Texas Instruments MSP430FR6007 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 179 page
background image
83
MSP430FR6007, MSP430FR6005
www.ti.com
SLASEV3 – MARCH 2020
Submit Documentation Feedback
Product Folder Links: MSP430FR6007 MSP430FR6005
Detailed Description
Copyright © 2020, Texas Instruments Incorporated
Table 6-10. System Module Interrupt Vector Registers
INTERRUPT VECTOR
REGISTER
ADDRESS
INTERRUPT EVENT
VALUE
PRIORITY
SYSRSTIV, System Reset
019Eh
No interrupt pending
00h
Brownout (BOR)
02h
Highest
RSTIFG RST/NMI (BOR)
04h
PMMSWBOR software BOR (BOR)
06h
LPMx.5 wakeup (BOR)
08h
Security violation (BOR)
0Ah
Reserved
0Ch
SVSHIFG SVSH event (BOR)
0Eh
Reserved
10h
Reserved
12h
PMMSWPOR software POR (POR)
14h
WDTIFG watchdog time-out (PUC)
16h
WDTPW password violation (PUC)
18h
FRCTLPW password violation (PUC)
1Ah
Uncorrectable FRAM bit error detection (PUC)
1Ch
Peripheral area fetch (PUC)
1Eh
PMMPW PMM password violation (PUC)
20h
MPUPW MPU password violation (PUC)
22h
CSPW CS password violation (PUC)
24h
MPUSEGIPIFG encapsulated IP memory segment violation
(PUC)
26h
Reserved
28h
MPUSEG1IFG segment 1 memory violation (PUC)
2Ah
MPUSEG2IFG segment 2 memory violation (PUC)
2Ch
MPUSEG3IFG segment 3 memory violation (PUC)
2Eh
Reserved
30h to 3Eh
Lowest
SYSSNIV, System NMI
019Ch
No interrupt pending
00h
Reserved
02h
Highest
Uncorrectable FRAM bit error detection
04h
FRAM access time error
06h
MPUSEGIPIFG encapsulated IP memory segment violation
08h
Reserved
0Ah
MPUSEG1IFG segment 1 memory violation
0Ch
MPUSEG2IFG segment 2 memory violation
0Eh
MPUSEG3IFG segment 3 memory violation
10h
VMAIFG vacant memory access
12h
JMBINIFG JTAG mailbox input
14h
JMBOUTIFG JTAG mailbox output
16h
Correctable FRAM bit error detection
18h
FRAM Write Protection Detection
1Ah
LEA time-out fault
1Ch
LEA command fault
1Eh
Lowest


Numéro de pièce similaire - MSP430FR6007

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MSP430FR6035 TI1-MSP430FR6035 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6035IPZ TI1-MSP430FR6035IPZ Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6035IPZR TI1-MSP430FR6035IPZR Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6037 TI1-MSP430FR6037 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR60371 TI1-MSP430FR60371 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
More results

Description similaire - MSP430FR6007

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MSP430FR6047 TI1-MSP430FR6047_18 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6047 TI1-MSP430FR6047 Datasheet
1Mb / 177P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6043 TI1-MSP430FR6043 Datasheet
2Mb / 187P
[Old version datasheet]   ultrasonic sensing MSP430 microcontrollers for gas and water flow metering applications
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
logo
STMicroelectronics
AN4313 STMICROELECTRONICS-AN4313 Datasheet
232Kb / 15P
   Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
logo
Ohmite Mfg. Co.
RES-10 OHMITE-RES-10 Datasheet
427Kb / 2P
   Ideal for current sensing applications
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
   Ideal for current sensing applications
logo
Sciosense B.V.
PCAP02 SCIOSENSE-PCAP02 Datasheet
316Kb / 3P
   ICs for Capacitive Sensing Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com