Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ET1200 Fiches technique(PDF) 15 Page - Beckhoff Automation GmbH & Co. KG

No de pièce ET1200
Description  Slave Controller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Site Internet  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

ET1200 Fiches technique(HTML) 15 Page - Beckhoff Automation GmbH & Co. KG

Back Button ET1200 Datasheet HTML 11Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 12Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 13Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 14Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 15Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 16Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 17Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 18Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 19Page - Beckhoff Automation GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
Features and Registers
Slave Controller
– ET1200 Hardware Description
III-5
Feature
ET1200
-0003
SPI Slave PDI
x
Max. SPI clock [MHz]
6-20 (SPI
mode dep.)
SPI modes configurable (0x0150[1:0])
x
SPI_IRQ driver configurable (0x0150[3:2])
x
SPI_SEL polarity configurable (0x0150.4)
x
Data out sample mode configurable
(0x0150.5)
x
Busy signaling
x
Wait State byte(s)
-
Number of address extension byte(s)
1
2/4 Byte SPI master support
-
Extended error detection (read busy
violation)
-
SPI_IRQ delay
x
Status indication
x
EEPROM_
Loaded signal
x
Asynchronous µController PDI
-
Synchronous µController PDI
-
EtherCAT Bridge (port 3, EBUS/MII)
x
General Purpose I/O
x
GPO bits
0-12
GPI bits
-
GPIO available independent of PDI or port
configuration
-
GPIO available without PDI
-
Concurrent access to GPO by ECAT and
PDI
x
ESC Information
Basic Information (0x0000:0x0006)
x
Port Descriptor (0x0007)
x
ESC Features supported (0x0008:0x0009)
x
Extended ESC Feature Availability in User
RAM (0x0F80 ff.)
-
Write Protection (0x0020:0x0031)
x
Data Link Layer Features
ECAT Reset (0x0040)
x
PDI Reset (0x0041)
-
ESC DL Control (0x0100:0x0103) bytes
4
EtherCAT only mode (0x0100.0)
x
Temporary loop control (0x0100.1)
x
FIFO Size configurable (0x0100[18:16])
x
Configured Station Address
(0x0010:0x0011)
x
Configured Station Alias (0x0100.24,
0x0012:0x0013)
x
Physical Read/Write Offset
(0x0108:0x0109)
x
Application Layer Features
Extended AL Control/Status bits
(0x0120[15:5], 0x0130[15:5])
x
AL Status Emulation (0x0140.8)
x
AL Status Code (0x0134:0x0135)
x
Interrupts
ECAT Event Mask (0x0200:0x0201)
x
AL Event Mask (0x0204:0x0207)
x
ECAT Event Request (0x0210:0x0211)
x
AL Event Request (0x0220:0x0223)
x
SyncManager activation changed
(0x0220.4)
x
SyncManager watchdog expiration
(0x0220.6)
-
Error Counters
RX Error Counter (0x0300:0x0307)
x
Forwarded RX Error Counter
(0x0308:0x030B)
x
ECAT Processing Unit Error Counter
(0x030C)
-
PDI Error Counter (0x030D)
-
Lost Link Counter (0x0310:0x0313)
x
Feature
ET1200
-0003
Watchdog
Watchdog Divider configurable
(0x0400:0x0401)
x
Watchdog Process Data
x
Watchdog PDI
x
Watchdog Counter Process Data (0x0442)
x
Watchdog Counter PDI (0x0443)
x
SII EEPROM Interface (0x0500:0x050F)
EEPROM sizes supported
1 Kbyte-
4 Mbyte
EEPROM size reflected in 0x0502.7
x
EEPROM controllable by PDI
x
EEPROM Emulation by PDI
-
Read data bytes (0x0502.6)
8
Internal Pull-Ups for EEPROM_CLK and
EEPROM_DATA
x
FMMUs
3
Bit-oriented operation
x
SyncManagers
4
Watchdog trigger generation for 1 Byte
Mailbox configuration independent of
reading access
x
SyncManager Event Times (+0x8[7:6])
-
Buffer state (+0x5[7:6])
-
Distributed Clocks
x
Width
64
Sync/Latch signals
1-2
3
SyncManager Event Times
(0x09F0:0x09FF)
-
DC Receive Times
x
DC Time Loop Control controllable by PDI
-
DC activation by EEPROM
(0x0140[11:10])
-
Propagation delay measurement with
traffic (BWR/FPWR 0x900 detected at
each port)
-
LatchSignal state in Latch Status register
(0x09AE:0x09AF)
-
SyncSignal Auto-Activation (0x0981.3)
-
SyncSignal 32 or 64 bit Start Time
(0x0981.4)
-
SyncSignal Late Activation (0x0981[6:5])
-
SyncSignal debug pulse (0x0981.7)
-
SyncSignal Activation State 0x0984)
-
Reset filters after writing filter depth
-
ESC Specific Registers (0x0E00:0x0EFF)
Product and Vendor ID
-
POR Values
x
FPGA Update (online)
-
Process RAM and User RAM
Process RAM (0x1000 ff.) [Kbyte]
1
User RAM (0x0F80:0x0FFF)
x
Extended ESC Feature Availability in User
RAM
-
Additional EEPROMs
1
SII EEPROM (I²C)
x
FPGA configuration EEPROM
-
LED Signals
RUN LED
x
RUN LED override
-
Link/Activity(x) LED per port
x
PERR(x) LED per port
x
Device ERR LED
-
STATE_RUN LED
-
3 SYNC/LATCH[1] available if no MII port is used.


Numéro de pièce similaire - ET1200

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
ET120-103 VISHAY-ET120-103 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET120-104 VISHAY-ET120-104 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET120-202 VISHAY-ET120-202 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET120-203 VISHAY-ET120-203 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET120-502 VISHAY-ET120-502 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
More results

Description similaire - ET1200

FabricantNo de pièceFiches techniqueDescription
logo
Beckhoff Automation Gmb...
ET1100 BECKHOFF-ET1100 Datasheet
2Mb / 124P
   Slave Controller
logo
ASIX Electronics Corpor...
AX58100 ASIX-AX58100 Datasheet
5Mb / 71P
   EtherCAT Slave Controller
logo
Actel Corporation
VME64 ACTEL-VME64 Datasheet
155Kb / 2P
   VME64 Slave Controller
logo
WAGO Kontakttechnik Gmb...
750-833 WAGO-750-833 Datasheet
607Kb / 15P
   Controller PROFIBUS Slave
logo
TRINAMIC Motion Control...
TMC8460 TRINAMIC-TMC8460 Datasheet
4Mb / 145P
   Integrated EtherCAT Slave Controller
logo
ASIX Electronics Corpor...
AX58200 ASIX-AX58200 Datasheet
16Mb / 180P
   EtherCAT Slave Controller SoC
logo
Actel Corporation
A24D16 ACTEL-A24D16 Datasheet
155Kb / 2P
   VME A24D16 Slave Controller
A24D32 ACTEL-A24D32 Datasheet
154Kb / 2P
   VME A24D32 Slave Controller
A32D32 ACTEL-A32D32 Datasheet
154Kb / 2P
   VME A32D32 Slave Controller
logo
Cypress Semiconductor
SL811S CYPRESS-SL811S Datasheet
388Kb / 27P
   USB Dual Speed Slave Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com