Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ET1100 Fiches technique(PDF) 43 Page - Beckhoff Automation GmbH & Co. KG

No de pièce ET1100
Description  Slave Controller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Site Internet  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

ET1100 Fiches technique(HTML) 43 Page - Beckhoff Automation GmbH & Co. KG

Back Button ET1100 Datasheet HTML 39Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 40Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 41Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 42Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 43Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 44Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 45Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 46Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 47Page - Beckhoff Automation GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 124 page
background image
Pin Description
Slave Controller
– ET1100 Hardware Description
III-29
3.6.8
Digital Control/Status Move
If more than 2 MII ports are used (PDI[39:32] are not available for PDI use), the Digital I/O PDI control
and status signals can be made available at the highest available PDI byte with
CTRL_STATUS_MOVE.
Digital Control/Status Move is explained in Table 28:
Table 28: Digital Control/Status Move
Description
Config signal
Pin name
Register
Values
Digital Control/
Status Move
CTRL_STATUS_MOVE
PDI[34]/TX_D(2)[0]/
CTRL_STATUS_MOVE
0x0E01[4]
0 = Digital I/O control/status signals are
not moved: they are available at
PDI[39:32] if less than 3 MII ports are
used, otherwise they are not available
1 = Digital I/O control/status signals
moved to last PDI byte if PDI[39:32] is
used for MII(2). Digital I/O control/status
signals are available in any
configuration.
3.6.9
PHY Address Offset
The ET1100 supports two PHY address offset configurations, either 0 or 16. Refer to chapter 4.2 for
details on PHY address configuration.
PHY Address Offset is explained in Table 29:
Table 29: PHY Address Offset
Description
Config signal
Pin name
Register
Values
PHY Address Offset
PHYAD_OFF
PERR(2)/TRANS(2)/
PHYAD_OFF
0x0E01[5]
0 = PHY address offset 0
1 = PHY address offset 16
3.6.10 Link Polarity
Ethernet PHYs signal a 100 Mbit/s Full (Duplex Link( to the ET1100 by asserting LINK_MII(x). The
polarity can be selected with LINKPOL.
Link Polarity is explained in Table 30:
Table 30: Link Polarity
Description
Config signal
Pin name
Register
Values
Link Polarity
LINKPOL
MI_CLK/LINKPOL
0x0E01[6]
0 = LINK_MII(x) is active low
1 = LINK_MII(x) is active high
Reserved
RESERVED
PDI[28]/PERR(3)/TRANS(3)
0x0E01[7]
reserved
NOTE: Enabling transparent mode disables Link Polarity configuration to active high


Numéro de pièce similaire - ET1100

FabricantNo de pièceFiches techniqueDescription
logo
Torquemeters Limited
ET1103 TORQUEMETERS-ET1103 Datasheet
170Kb / 2P
   Medium Speed Torquemeter
Rev A
logo
Copal Electronics
ET110A10-Z COPAL-ET110A10-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET110A12-Z COPAL-ET110A12-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET110A13-Z COPAL-ET110A13-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET110A32-Z COPAL-ET110A32-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
More results

Description similaire - ET1100

FabricantNo de pièceFiches techniqueDescription
logo
Beckhoff Automation Gmb...
ET1200 BECKHOFF-ET1200 Datasheet
1Mb / 70P
   Slave Controller
logo
ASIX Electronics Corpor...
AX58100 ASIX-AX58100 Datasheet
5Mb / 71P
   EtherCAT Slave Controller
logo
Actel Corporation
VME64 ACTEL-VME64 Datasheet
155Kb / 2P
   VME64 Slave Controller
logo
WAGO Kontakttechnik Gmb...
750-833 WAGO-750-833 Datasheet
607Kb / 15P
   Controller PROFIBUS Slave
logo
TRINAMIC Motion Control...
TMC8460 TRINAMIC-TMC8460 Datasheet
4Mb / 145P
   Integrated EtherCAT Slave Controller
logo
ASIX Electronics Corpor...
AX58200 ASIX-AX58200 Datasheet
16Mb / 180P
   EtherCAT Slave Controller SoC
logo
Actel Corporation
A24D16 ACTEL-A24D16 Datasheet
155Kb / 2P
   VME A24D16 Slave Controller
A24D32 ACTEL-A24D32 Datasheet
154Kb / 2P
   VME A24D32 Slave Controller
A32D32 ACTEL-A32D32 Datasheet
154Kb / 2P
   VME A32D32 Slave Controller
logo
Cypress Semiconductor
SL811S CYPRESS-SL811S Datasheet
388Kb / 27P
   USB Dual Speed Slave Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com