Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSP430F5507 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce MSP430F5507
Description  MSP430F5510, MSP430F550x Mixed-Signal Microcontrollers
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5507 Fiches technique(HTML) 1 Page - Texas Instruments

  MSP430F5507 Datasheet HTML 1Page - Texas Instruments MSP430F5507 Datasheet HTML 2Page - Texas Instruments MSP430F5507 Datasheet HTML 3Page - Texas Instruments MSP430F5507 Datasheet HTML 4Page - Texas Instruments MSP430F5507 Datasheet HTML 5Page - Texas Instruments MSP430F5507 Datasheet HTML 6Page - Texas Instruments MSP430F5507 Datasheet HTML 7Page - Texas Instruments MSP430F5507 Datasheet HTML 8Page - Texas Instruments MSP430F5507 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 125 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
MSP430F5510, MSP430F5509, MSP430F5508
MSP430F5507, MSP430F5506, MSP430F5505, MSP430F5504
MSP430F5503, MSP430F5502, MSP430F5501, MSP430F5500
SLAS645L – JULY 2009 – REVISED MAY 2020
MSP430F5510, MSP430F550x Mixed-Signal Microcontrollers
1
Device Overview
1
1.1
Features
1
• Low supply-voltage range:
3.6 V down to 1.8 V
• Ultra-low power consumption
– Active mode (AM)
All system clocks active
– 195 µA/MHz at 8 MHz, 3 V, flash program
execution (typical)
– 115 µA/MHz at 8 MHz, 3 V, RAM program
execution (typical)
– Standby mode (LPM3)
– Real-time clock (RTC) with crystal, watchdog,
and supply supervisor operational, full RAM
retention, fast wakeup:
1.9 µA at 2.2 V, 2.1 µA at 3 V (typical)
– Low-power oscillator (VLO), general-purpose
counter, watchdog, and supply supervisor
operational, full RAM retention, fast wakeup:
1.4 µA at 3 V (typical)
– Off mode (LPM4)
Full RAM retention, supply supervisor
operational, fast wakeup:
1.1 µA at 3 V (typical)
– Shutdown mode (LPM4.5)
0.18 µA at 3 V (typical)
• Wake up from standby in less than 5 µs
• 16-bit RISC architecture, extended memory, up to
25-MHz system clock
• Flexible power-management system
– Fully integrated LDO with programmable
regulated core supply voltage
– Supply voltage supervision, monitoring, and
brownout
• Unified clock system
– FLL control loop for frequency stabilization
– Low-power low-frequency internal clock source
(VLO)
– Low-frequency trimmed internal reference
source (REFO)
– 32-kHz watch crystals (XT1)
– High-frequency crystals up to 32 MHz (XT2)
• 16-bit Timer TA0, Timer_A with five
capture/compare registers
• 16-bit Timer TA1, Timer_A with three
capture/compare registers
• 16-bit Timer TA2, Timer_A with three
capture/compare registers
• 16-bit Timer TB0, Timer_B with seven
capture/compare shadow registers
• Two universal serial communication interfaces
(USCIs)
– USCI_A0 and USCI_A1 each support:
– Enhanced UART with automatic baud-rate
detection
– IrDA encoder and decoder
– Synchronous SPI
– USCI_B0 and USCI_B1 each support:
– I2C
– Synchronous SPI
• Full-speed universal serial bus (USB)
– Integrated USB-PHY
– Integrated 3.3-V and 1.8-V USB power system
– Integrated USB-PLL
– Eight input and eight output endpoints
• 10-bit analog-to-digital converter (ADC) with
window comparator
• Comparator
• Hardware multiplier supports 32-bit operations
• Serial onboard programming, no external
programming voltage needed
• Three-channel internal DMA
• Basic timer with RTC feature
• Device Comparison summarizes the available
family members
1.2
Applications
Analog and digital sensor systems
Data loggers
Connectivity to USB hosts
Wireless headsets


Numéro de pièce similaire - MSP430F5507

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MSP430F5507 TI1-MSP430F5507 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F5507 TI1-MSP430F5507 Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5507IRGZ TI-MSP430F5507IRGZ Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5507IRGZR TI-MSP430F5507IRGZR Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5507IRGZR TI1-MSP430F5507IRGZR Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Description similaire - MSP430F5507

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com