Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSP430F5310 Fiches technique(PDF) 44 Page - Texas Instruments

No de pièce MSP430F5310
Description  MSP430F5310, MSP430F530x Mixed-Signal Microcontrollers
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5310 Fiches technique(HTML) 44 Page - Texas Instruments

Back Button MSP430F5310_V01 Datasheet HTML 40Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 41Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 42Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 43Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 44Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 45Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 46Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 47Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 109 page
background image
44
MSP430F5310, MSP430F5309, MSP430F5308, MSP430F5304
SLAS677G – SEPTEMBER 2010 – REVISED MAY 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F5310 MSP430F5309 MSP430F5308 MSP430F5304
Detailed Description
Copyright © 2010–2020, Texas Instruments Incorporated
(1)
Multiple source flags
(2)
A reset is generated if the CPU tries to fetch instructions from within peripheral space or vacant memory space.
(Non)maskable: the individual interrupt enable bit can disable an interrupt event, but the general interrupt enable bit cannot disable it.
(3)
Interrupt flags are in the module.
(4)
Only on devices with ADC, otherwise reserved.
6.3
Interrupt Vector Addresses
The interrupt vectors and the power-up start address are in the address range 0FFFFh to 0FF80h (see
Table 6-1). The vector contains the 16-bit address of the appropriate interrupt-handler instruction
sequence.
Table 6-1. Interrupt Sources, Flags, and Vectors
INTERRUPT SOURCE
INTERRUPT FLAG
SYSTEM
INTERRUPT
WORD
ADDRESS
PRIORITY
System Reset
Power up
External reset
Watchdog time-out, password
violation
Flash memory password violation
WDTIFG, KEYV (SYSRSTIV) (1) (2)
Reset
0FFFEh
63, highest
System NMI
PMM
Vacant memory access
JTAG mailbox
SVMLIFG, SVMHIFG, DLYLIFG, DLYHIFG,
VLRLIFG, VLRHIFG, VMAIFG, JMBNIFG,
JMBOUTIFG (SYSSNIV) (1)
(Non)maskable
0FFFCh
62
User NMI
NMI
Oscillator fault
Flash memory access violation
NMIIFG, OFIFG, ACCVIFG, BUSIFG (SYSUNIV)
(1) (2)
(Non)maskable
0FFFAh
61
Comp_B
Comparator B interrupt flags (CBIV) (1) (3)
Maskable
0FFF8h
60
TB0
TB0CCR0 CCIFG0 (3)
Maskable
0FFF6h
59
TB0
TB0CCR1 CCIFG1 to TB0CCR6 CCIFG6,
TB0IFG (TB0IV) (1) (3)
Maskable
0FFF4h
58
Watchdog Timer_A interval timer
mode
WDTIFG
Maskable
0FFF2h
57
USCI_A0 receive or transmit
UCA0RXIFG, UCA0TXIFG (UCA0IV) (1) (3)
Maskable
0FFF0h
56
USCI_B0 receive or transmit
UCB0RXIFG, UCB0TXIFG (UCAB0IV) (1) (3)
Maskable
0FFEEh
55
ADC10_A
ADC10IFG0 (1) (3) (4)
Maskable
0FFECh
54
TA0
TA0CCR0 CCIFG0 (3)
Maskable
0FFEAh
53
TA0
TA0CCR1 CCIFG1 to TA0CCR4 CCIFG4,
TA0IFG (TA0IV) (1) (3)
Maskable
0FFE8h
52
LDO-PWR
LDOOFFIG, LDOONIFG, LDOOVLIFG
Maskable
0FFE6h
51
DMA
DMA0IFG, DMA1IFG, DMA2IFG (DMAIV) (1) (3)
Maskable
0FFE4h
50
TA1
TA1CCR0 CCIFG0 (3)
Maskable
0FFE2h
49
TA1
TA1CCR1 CCIFG1 to TA1CCR2 CCIFG2,
TA1IFG (TA1IV) (1) (3)
Maskable
0FFE0h
48
I/O port P1
P1IFG.0 to P1IFG.7 (P1IV) (1) (3)
Maskable
0FFDEh
47
USCI_A1 receive or transmit
UCA1RXIFG, UCA1TXIFG (UCA1IV) (1) (3)
Maskable
0FFDCh
46
USCI_B1 receive or transmit
UCB1RXIFG, UCB1TXIFG (UCB1IV) (1) (3)
Maskable
0FFDAh
45
TA2
TA2CCR0 CCIFG0 (3)
Maskable
0FFD8h
44
TA2
TA2CCR1 CCIFG1 to TA2CCR2 CCIFG2,
TA2IFG (TA2IV) (1) (3)
Maskable
0FFD6h
43
I/O port P2
P2IFG.0 to P2IFG.7 (P2IV) (1) (3)
Maskable
0FFD4h
42
RTC_A
RTCRDYIFG, RTCTEVIFG, RTCAIFG,
RT0PSIFG, RT1PSIFG (RTCIV) (1) (3)
Maskable
0FFD2h
41


Numéro de pièce similaire - MSP430F5310_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MSP430F5310IPT TI-MSP430F5310IPT Datasheet
1Mb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IPT TI1-MSP430F5310IPT Datasheet
1Mb / 100P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IPTR TI-MSP430F5310IPTR Datasheet
1Mb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IPTR TI1-MSP430F5310IPTR Datasheet
1Mb / 100P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IRGC TI-MSP430F5310IRGC Datasheet
1Mb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Description similaire - MSP430F5310_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MSP430F5310 TI1-MSP430F5310 Datasheet
1Mb / 106P
[Old version datasheet]   MSP430F5310 and MSP430F530x Mixed-Signal Microcontrollers
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com