Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSP430F5310 Fiches technique(PDF) 39 Page - Texas Instruments

No de pièce MSP430F5310
Description  MSP430F5310, MSP430F530x Mixed-Signal Microcontrollers
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5310 Fiches technique(HTML) 39 Page - Texas Instruments

Back Button MSP430F5310_V01 Datasheet HTML 35Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 36Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 37Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 38Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 39Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 40Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 41Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 42Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 109 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1.8
2.2
2.6
3
3.4
LDOO Supply Voltage, V
- V
LDOO
V , postive-going input threshold
IT+
V , negative-going input threshold
IT–
T = 25°C, 85
A
°C
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.5
1
1.5
2
2.5
3
V - High-Level Output Voltage - V
OH
V
= 1.8 V
T = 85 ºC
CC
A
V
= 1.8 V
T = 25 ºC
CC
A
V
= 3.0 V
T = 85 ºC
CC
A
V
= 3.0 V
T = 25 ºC
CC
A
0
10
20
30
40
50
60
70
80
90
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
V
- Low-Level Output Voltage - V
OL
V
= 3.0 V
T = 85ºC
CC
A
V
= 1.8 V
T = 85ºC
CC
A
V
= 1.8 V
T = 25ºC
CC
A
V
= 3.0 V
T = 25ºC
CC
A
39
MSP430F5310, MSP430F5309, MSP430F5308, MSP430F5304
www.ti.com
SLAS677G – SEPTEMBER 2010 – REVISED MAY 2020
Submit Documentation Feedback
Product Folder Links: MSP430F5310 MSP430F5309 MSP430F5308 MSP430F5304
Specifications
Copyright © 2010–2020, Texas Instruments Incorporated
5.40 Ports PU.0 and PU.1
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOH
High-level output voltage
VLDOO = 3.3 V ±10%, IOH = –25 mA,
See Figure 5-13 for typical characteristics
2.4
V
VOL
Low-level output voltage
VLDOO = 3.3 V ±10%, IOL = 25 mA,
See Figure 5-12 for typical characteristics
0.4
V
VIH
High-level input voltage
VLDOO = 3.3 V ±10%,
See Figure 5-14 for typical characteristics
2.0
V
VIL
Low-level input voltage
VLDOO = 3.3 V ±10%,
See Figure 5-14 for typical characteristics
0.8
V
Figure 5-12. Ports PU.0, PU.1 Typical Low-Level Output Characteristics
Figure 5-13. Ports PU.0, PU.1 Typical High-Level Output Characteristics
Figure 5-14. Ports PU.0, PU.1 Typical Input Threshold Characteristics


Numéro de pièce similaire - MSP430F5310_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MSP430F5310IPT TI-MSP430F5310IPT Datasheet
1Mb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IPT TI1-MSP430F5310IPT Datasheet
1Mb / 100P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IPTR TI-MSP430F5310IPTR Datasheet
1Mb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IPTR TI1-MSP430F5310IPTR Datasheet
1Mb / 100P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IRGC TI-MSP430F5310IRGC Datasheet
1Mb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Description similaire - MSP430F5310_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MSP430F5310 TI1-MSP430F5310 Datasheet
1Mb / 106P
[Old version datasheet]   MSP430F5310 and MSP430F530x Mixed-Signal Microcontrollers
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com