Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSP430F2619 Fiches technique(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
No de pièce MSP430F2619
Description  MSP430F261x, MSP430F241x Mixed-Signal Microcontrollers
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F2619 Fiches technique(HTML) 46 Page - Texas Instruments

Back Button MSP430F2619 Datasheet HTML 42Page - Texas Instruments MSP430F2619 Datasheet HTML 43Page - Texas Instruments MSP430F2619 Datasheet HTML 44Page - Texas Instruments MSP430F2619 Datasheet HTML 45Page - Texas Instruments MSP430F2619 Datasheet HTML 46Page - Texas Instruments MSP430F2619 Datasheet HTML 47Page - Texas Instruments MSP430F2619 Datasheet HTML 48Page - Texas Instruments MSP430F2619 Datasheet HTML 49Page - Texas Instruments MSP430F2619 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 120 page
background image
SDA
SCL
1/f
SCL
t
HD,DAT
t
SU,DAT
t
HD,STA
t
SU,STA
t
SU,STO
t
SP
t
HD,STA
46
MSP430F2619, MSP430F2618, MSP430F2617, MSP430F2616
MSP430F2419, MSP430F2418, MSP430F2417, MSP430F2416
SLAS541L – JUNE 2007 – REVISED MAY 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F2619 MSP430F2618 MSP430F2617 MSP430F2616 MSP430F2419 MSP430F2418
MSP430F2417 MSP430F2416
Specifications
Copyright © 2007–2020, Texas Instruments Incorporated
5.40 USCI (I
2C Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 5-31)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fUSCI
USCI input clock frequency
Internal: SMCLK or ACLK,
External: UCLK,
Duty cycle = 50% ±10%
fSYSTEM
MHz
fSCL
SCL clock frequency
2.2 V, 3 V
0
400
kHz
tHD,STA
Hold time (repeated) START
fSCL ≤ 100 kHz
2.2 V, 3 V
4
µs
fSCL > 100 kHz
0.6
tSU,STA
Setup time for a repeated START
fSCL ≤ 100 kHz
2.2 V, 3 V
4.7
µs
fSCL > 100 kHz
0.6
tHD,DAT
Data hold time
2.2 V, 3 V
0
ns
tSU,DAT
Data setup time
2.2 V, 3 V
250
ns
tSU,STO
Setup time for STOP
2.2 V, 3 V
4
µs
tSP
Pulse duration of spikes suppressed by
input filter
2.2 V
50
150
600
ns
3 V
50
100
600
Figure 5-31. I2C Mode Timing


Numéro de pièce similaire - MSP430F2619

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MSP430F2619 TI1-MSP430F2619 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F2619S-HT TI-MSP430F2619S-HT Datasheet
1Mb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2619S-HT TI1-MSP430F2619S-HT Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F2619S-HT TI1-MSP430F2619S-HT Datasheet
1Mb / 93P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2619S-HT TI1-MSP430F2619S-HT Datasheet
1Mb / 99P
[Old version datasheet]   Mixed-Signal Microcontroller
More results

Description similaire - MSP430F2619

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com