Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79D2251JC Fiches technique(PDF) 11 Page - Advanced Micro Devices

No de pièce AM79D2251JC
Description  Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79D2251JC Fiches technique(HTML) 11 Page - Advanced Micro Devices

Back Button AM79D2251JC Datasheet HTML 7Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 8Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 9Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 10Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 11Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 12Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 13Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 14Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Am79D2251
11
Figure 4. Internal Ringing Linecard Schematic
RFAi
RFBi
RSAi
RSBi
A
B
U3
DHi
BATH
BATL
U1
Am79R241
P1
P2
P3
LD
SA
SB
AD
BD
VBH
VBL
TMP
TMN
RSN
VLB
IMT
ILG
VTX
VREF
VSAB
GND
+5 V
VCC
CBATLi
CBATHi
* CSS required for > 2.2 Vrms metering
** Connections shown for one channel
*** DT2i diode is optional - should be
connected if there is a chance that this chip
may be replaced by Am79R251.
DLi
RMGLi
RMGPi
TMS
BGND
R2
RYE
R3
R1
BATH
HPA
HPB
RTESTLi
CHPi
CSSi
RRXi
RMTi
VREF
RLGi
VREF
U2
ISLAC
VREF
VILGi
VIMTi
VLBi
VSABi
VINi
VOUTi
BACK
PLANE
LDi
P1
P2
P3
DGND
VCCA
VCCD
SHB
SLB
BATH
BATL
IREF
AGND
VCC
+3.3VDC
RSHB
RSLB
RREF
CREF
3.3 V
CADi
CBDi
RSVD
RSVD
RTi
D1
D2
U4
CS
RTESTMi
DT1i
DT2i***
SPB
RHLai
VHLi
RHLbi
RHLci
RHLdi
VREF
CHLdi
CHLbi


Numéro de pièce similaire - AM79D2251JC

FabricantNo de pièceFiches techniqueDescription
logo
Analog Power
AM7900N ANALOGPOWER-AM7900N Datasheet
320Kb / 5P
   Dual N-Channel 150-V (D-S) MOSFET
logo
Advanced Micro Devices
AM7905A AMD-AM7905A Datasheet
1Mb / 33P
   Subscriber Line Audio-Processing Circuit(SLAC)Device
AM7910 AMD-AM7910 Datasheet
1Mb / 40P
   WORLD-CHIP FSK Modem
AM79101 AMD-AM79101 Datasheet
1Mb / 58P
   WORLD CHIP FSK AUTODIAL MODEM
AM79101 AMD-AM79101 Datasheet
1Mb / 40P
   WORLD-CHIP FSK Modem
More results

Description similaire - AM79D2251JC

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM79C03 AMD-AM79C03 Datasheet
723Kb / 48P
   Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
AM7905A AMD-AM7905A Datasheet
1Mb / 33P
   Subscriber Line Audio-Processing Circuit(SLAC)Device
logo
List of Unclassifed Man...
AM79Q02 ETC1-AM79Q02 Datasheet
1Mb / 68P
   Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
logo
Advanced Micro Devices
AM79R251 AMD-AM79R251 Datasheet
317Kb / 27P
   Intelligent Subscriber Line Interface Circuit (ISLIC)
logo
List of Unclassifed Man...
AM79231 ETC1-AM79231 Datasheet
278Kb / 28P
   Intelligent Subscriber Line Interface Circuit (ISLIC)
AM79Q4457 ETC1-AM79Q4457 Datasheet
661Kb / 44P
   Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com