Moteur de recherche de fiches techniques de composants électroniques |
|
TSC8051C1XXX-A-12CCD Fiches technique(PDF) 2 Page - TEMIC Semiconductors |
|
TSC8051C1XXX-A-12CCD Fiches technique(HTML) 2 Page - TEMIC Semiconductors |
2 / 31 page TSC8051C1 Rev. D (14 Jan. 97) 2 MATRA MHS 3. Block Diagram XTAL2 ALTERNATE FUNCTION OF PORT0 ALTERNATE FUNCTION OF PORT2 ALTERNATE FUNCTION OF PORT1 ALTERNATE FUNCTION OF PORT3 1 80C51 CORE EXCLUDING ROM/RAM PROGRAM MEMORY 8k x 8 ROM DATA MEMORY 256 x 8 RAM SERIAL I2C PORT TWO 16–BIT TIMER/EVENT COUNTER CPU SERIAL UART PORT PARALLEL I/O PORTS AND EXTERNAL BUS AD0–7 RST A8–15 3 3 0 2 3 3 3 3 3 3 3 3 3 2 1 0 PWM8 – PWM11 PWM0 – PWM7 VCC VSS INT0 T0 T1 INT1 T0 INT0 SDA SCL P0 P1 P2 P3 TxD RxD 12 x 8–bit PWM CHANNELS WATCHDOG TIMER CONTROLLED HSYNC & VSYNC OUTPUTS XTAL1 EA ALE PSEN WR RD SPECIAL EXTERNAL INPUTS 3 3 3 3 VSYNC HSYNC VOUT HOUT 8–BIT INTERNAL BUS Figure 1. TSC8051C1 block diagram. |
Numéro de pièce similaire - TSC8051C1XXX-A-12CCD |
|
Description similaire - TSC8051C1XXX-A-12CCD |