Moteur de recherche de fiches techniques de composants électroniques |
|
CD9018F Fiches technique(PDF) 2 Page - Continental Device India Limited |
|
CD9018F Fiches technique(HTML) 2 Page - Continental Device India Limited |
2 / 4 page CD9018 TO-92 Plastic Package The TO-92 Package, Tape and Ammo Pack Drawings are correct as on the date of issue/revision of this Data Sheet. The currently valid dimensions and information, may please be confirmed from the TO-92 Drawing in the Packages and Packing Section of the Product Catalogue. CD9018Rev_3 170403E TO-92 Plastic Package 1 2 3 D G SEC AA D B A A 1 2 3 F F 3 2 1 Mold Parting Line All dimensions are in mm DIM A B C D E F 5 DEG G H K L MAX. 5.33 5.20 4.19 0.55 0.50 1.40 1.40 2.082 — 1.20 M MIN. 4.32 4.45 3.18 0.41 0.35 1.14 1.20 12.70 1.982 1.03 PIN CONFIGURATION 1. COLLECTOR 2. BASE 3. EMITTER TO-92 Bulk TO-92 T&A 1K/polybag 2K/ammo box 200 gm/1K pcs 645 gm/2K pcs 3" x 7.5" x 7.5" 12.5" x 8" x 1.8" 5K 2K 17" x 15" x 13.5" 17" x 15" x 13.5" 80K 32K 23 kgs 12.5 kgs PACKAGE Net Weight/Qty Details STANDARDPACK INNER CARTONBOX Qty OUTER CARTON BOX Qty Gr Wt Size Size Packing Details Continental Device India Limited Data Sheet Page 2 of 4 |
Numéro de pièce similaire - CD9018F |
|
Description similaire - CD9018F |