Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS80C31X2-VCAD Fiches technique(PDF) 2 Page - TEMIC Semiconductors

No de pièce TS80C31X2-VCAD
Description  8-bit CMOS Microcontroller 0-60 MHz
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEMIC [TEMIC Semiconductors]
Site Internet  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C31X2-VCAD Fiches technique(HTML) 2 Page - TEMIC Semiconductors

  TS80C31X2-VCAD Datasheet HTML 1Page - TEMIC Semiconductors TS80C31X2-VCAD Datasheet HTML 2Page - TEMIC Semiconductors TS80C31X2-VCAD Datasheet HTML 3Page - TEMIC Semiconductors TS80C31X2-VCAD Datasheet HTML 4Page - TEMIC Semiconductors TS80C31X2-VCAD Datasheet HTML 5Page - TEMIC Semiconductors TS80C31X2-VCAD Datasheet HTML 6Page - TEMIC Semiconductors TS80C31X2-VCAD Datasheet HTML 7Page - TEMIC Semiconductors TS80C31X2-VCAD Datasheet HTML 8Page - TEMIC Semiconductors TS80C31X2-VCAD Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
Rev. A - Mar. 19, 1999
Preliminary
TS80C31X2
3. Block Diagram
Timer 0
INT
RAM
128x8
WR
RD
EA
PSEN
ALE/
XTAL2
XTAL1
EUART
CPU
Timer 1
Ctrl
(1)
(1)
C51
CORE
(1) (1)
(1) (1)
Port 0 Port 1 Port 2 Port 3
Parallel I/O Ports & Ext. Bus
IB-bus
PROG
(1)
(1)
(1): Alternate function of Port 3


Numéro de pièce similaire - TS80C31X2-VCAD

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
TS80C31X2-VCAD ATMEL-TS80C31X2-VCAD Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
More results

Description similaire - TS80C31X2-VCAD

FabricantNo de pièceFiches techniqueDescription
logo
TEMIC Semiconductors
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C51U2 TEMIC-TS80C51U2 Datasheet
316Kb / 67P
   Double UART 8-bit CMOS Microcontroller, 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com