Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N23G Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce 1N23G
Description  S - X Band Point Contact Mixer Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

1N23G Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  1N23G Datasheet HTML 1Page - List of Unclassifed Manufacturers 1N23G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Point Contact Diodes: 1N Series
S - X Band Point Contact Mixer Diodes
Description
This MicroMetrics 1N series of Point
Contact Mixer diodes is designed for
applications from S-Band through X-
Band. Each device in this series is in a
cartridge package specially designed
for low noise figure performance.
These diodes employ epitaxial silicon
optimized for low noise figure and
wide bandwidth and are used in single
or multiple device mixer applications.
Applications
This 1N series of Point Contact Mixers
is suitable for use in waveguide,
coaxial and stripline applications.
Features
Mechanical Reliability
Low Noise Figure
Wide Bandwidth
Packaging
Cartridge Style
.1
100
0
200
300
400
500
600
1.0
10.0
.01
.001
FORWARD VOLTAGE
(mV)
70
Typical Performance
MicroMetrics, Inc. 136 Harvey Road, Building C, Londonderry, NH 03053
Voice: 603-641-3800, Fax: 603-641-3500, Internet: www.micrometrics.com, E-mail: serv@micrometrics.com


Numéro de pièce similaire - 1N23G

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
1N23G ETC1-1N23G Datasheet
350Kb / 8P
   SILICON POINT CONTACT MIXER DIODES
logo
New Jersey Semi-Conduct...
1N23G NJSEMI-1N23G Datasheet
80Kb / 2P
   S - X Band Point Contact Mixer Diodes
1N23G NJSEMI-1N23G Datasheet
80Kb / 2P
   S - X Band Point Contact Mixer Diodes
logo
List of Unclassifed Man...
1N23GM ETC1-1N23GM Datasheet
350Kb / 8P
   SILICON POINT CONTACT MIXER DIODES
1N23GMR ETC1-1N23GMR Datasheet
350Kb / 8P
   SILICON POINT CONTACT MIXER DIODES
More results

Description similaire - 1N23G

FabricantNo de pièceFiches techniqueDescription
logo
New Jersey Semi-Conduct...
1N416C NJSEMI-1N416C Datasheet
80Kb / 2P
   S - X Band Point Contact Mixer Diodes
1N21 NJSEMI-1N21 Datasheet
80Kb / 2P
   S - X Band Point Contact Mixer Diodes
1N415C NJSEMI-1N415C Datasheet
80Kb / 2P
   S - X Band Point Contact Mixer Diodes
logo
List of Unclassifed Man...
1N25AR ETC1-1N25AR Datasheet
350Kb / 8P
   SILICON POINT CONTACT MIXER DIODES
logo
New Jersey Semi-Conduct...
1N830 NJSEMI-1N830 Datasheet
79Kb / 2P
   Ka Band Point Contact Detector Diodes
logo
American Microsemicondu...
1N23SC AMMSEMI-1N23SC Datasheet
526Kb / 1P
   Point Contact Diodes
1N23SG AMMSEMI-1N23SG Datasheet
526Kb / 1P
   Point Contact Diodes
1N23SD AMMSEMI-1N23SD Datasheet
526Kb / 1P
   Point Contact Diodes
1N23SE AMMSEMI-1N23SE Datasheet
526Kb / 1P
   Point Contact Diodes
1N23SF AMMSEMI-1N23SF Datasheet
526Kb / 1P
   Point Contact Diodes
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com