Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC2596 Fiches technique(PDF) 11 Page - List of Unclassifed Manufacturers

No de pièce AMC2596
Description  150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

AMC2596 Fiches technique(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AMC2596 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 9Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 10Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 11Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Copyright © 2005 ADD Microtech Corp.
11
AMC2596_A (LF) May 2005
AMC2596
5-Pin Plastic TO-220B (PB)
INCHES
MILLIMETERS
MIN
TYP MAX MIN TYP MAX
A 0.380 0.401 0.420 9.65 10.20 10.65
B
0.248
6.30
c 0.348 0.358 0.368 8.85 9.10 9.35
c1
0.167
4.25
d1
0.138
3.50
d2
0.154
3.90
d3
0.213
5.40
e1
0.134
3.40
e2
0.268
6.80
e3
0.032
0.81
f
0.151
3.84
f1
0.039
1.00
G 0.048 0.05 0.052 1.22 1.27 1.32
H
0.996
25.30
I
0.175 0.180 0.185 4.44 4.57 4.70
J
0.965
24.50
K
0.105
2.67
L 0.164 0.173 0.182 4.17 4.40 4.63
M
0.05
1.27
N 0.013 0.015 0.025 0.33 0.381 0.63
O 0.322 0.331 0.340 8.17 8.40 8.63
z1
7°
7°
z2
7°
7°
z3
7°
7°
z4
5°
5°
Z5
5°
5°
d3
z2
z3
d1
H
J
O
d2
e1
e2
K
L
A
B
c
c1
z1
z4
G
I
M
f
f1
e3
z5
N


Numéro de pièce similaire - AMC2596

FabricantNo de pièceFiches techniqueDescription
logo
ADDtek Corp
AMC2596 ADDTEK-AMC2596 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
AMC2596-3.3 ADDTEK-AMC2596-3.3 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
AMC2596-5.0 ADDTEK-AMC2596-5.0 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
AMC2596-ADJ ADDTEK-AMC2596-ADJ Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
AMC2596-ADJDDF ADDTEK-AMC2596-ADJDDF Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
More results

Description similaire - AMC2596

FabricantNo de pièceFiches techniqueDescription
logo
ADDtek Corp
AMC2596 ADDTEK-AMC2596 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
N2596G ETC2-N2596G Datasheet
57Kb / 5P
   150 KHz 3A Step-Down Switching Voltage Regulator (SVR)
N2596G-5 ETC2-N2596G-5 Datasheet
135Kb / 5P
   150 KHz 3A Step-Down Switching Voltage Regulator (SVR)-Preliminary
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Eorex Corporation
EP3101 EOREX-EP3101 Datasheet
382Kb / 13P
   150 KHz, 3A Asynchronous Step-down Converter
logo
Texas Instruments
LM2596S-3.3 TI1-LM2596S-3.3 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Eorex Corporation
EP3101 EOREX-EP3101_15 Datasheet
435Kb / 13P
   150 KHz, 3A Asynchronous Step-down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com