Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC2596 Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce AMC2596
Description  150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

AMC2596 Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AMC2596 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 9Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 10Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 11Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Copyright © 2005 ADD Microtech Corp.
10
AMC2596_A (LF) May 2005
AMC2596
PACKAGE
Symbol
X.X : Output Voltage Options
3.3 = 3.3V, 5.0 = 5.0V, ADJ= Adjustable
P : Package
P= TO-220, PB= TO-220B, DD= TO-263
YYWW: Date Code
YY = Year, WW = Weeks
Example: 0412 means Year 2004, week 12
F: Lead Free
2596-X.XP
FYYWW
5-Pin Plastic TO-220 (P)
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
A
0.560
-
0.650
14.23
-
16.51
B
0.380
-
0.420
9.66
-
10.66
C
0.140
-
0.190
3.56
-
4.82
D
0.018
-
0.035
0.46
-
0.89
F
0.140
-
0.160
3.56
-
4.06
G
0.134
-
-
3.40
-
-
J
0.012
-
0.045
0.31
-
1.14
K
0.500
-
0.580
12.70
-
14.73
N
0.268 TYP
6.80 TYP
R
0.080
-
0.115
2.04
-
2.92
S
0.045
-
0.055
1.14
-
1.39
T
0.230
-
0.270
5.85
-
6.85
K
D
G
N
R
J
B
T
F
C
S
A
5-Pin Surface Mount TO-263 (DD
)
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
A
0.395
-
0.420
10.03
-
10.67
B
0.325
-
0.361
8.25
-
9.17
C
0.171
-
0.181
4.34
-
4.59
D
0.045
-
0.055
1.14
-
1.40
E
0.013
-
0.017
0.330
-
0.432
F
0.029
-
0.035
0.737
-
0.889
G
0.062
-
0.072
1.57
-
1.83
I
-
-
0.065
-
-
1.65
K
0.575
0.635
14.60
16.13
L
0.090
0.110
2.29
2.79
M
7°
7°
F
E
G
B
I
A
M
K
D
C
N
L
N
3°
3°


Numéro de pièce similaire - AMC2596

FabricantNo de pièceFiches techniqueDescription
logo
ADDtek Corp
AMC2596 ADDTEK-AMC2596 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
AMC2596-3.3 ADDTEK-AMC2596-3.3 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
AMC2596-5.0 ADDTEK-AMC2596-5.0 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
AMC2596-ADJ ADDTEK-AMC2596-ADJ Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
AMC2596-ADJDDF ADDTEK-AMC2596-ADJDDF Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
More results

Description similaire - AMC2596

FabricantNo de pièceFiches techniqueDescription
logo
ADDtek Corp
AMC2596 ADDTEK-AMC2596 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
N2596G ETC2-N2596G Datasheet
57Kb / 5P
   150 KHz 3A Step-Down Switching Voltage Regulator (SVR)
N2596G-5 ETC2-N2596G-5 Datasheet
135Kb / 5P
   150 KHz 3A Step-Down Switching Voltage Regulator (SVR)-Preliminary
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Eorex Corporation
EP3101 EOREX-EP3101 Datasheet
382Kb / 13P
   150 KHz, 3A Asynchronous Step-down Converter
logo
Texas Instruments
LM2596S-3.3 TI1-LM2596S-3.3 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Eorex Corporation
EP3101 EOREX-EP3101_15 Datasheet
435Kb / 13P
   150 KHz, 3A Asynchronous Step-down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com