Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSD515 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce TSD515
Description  2.25 WATT SIP DC/DC CONVERTERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

TSD515 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  TSD515 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
s6au 07/00
2.25 WATT SIP
DC/DC CONVERTERS
M
P Premier
Magnetics Inc.
"INNOVATORS IN MAGNETICS TECHNOLOGY"
.020
(.508)
.100
(2.54)
1.100
(27.94)
1.260
(32.00)
MAX
.560
(14.22)
MAX
.150
(3.81)
.12
(3.0)
.080
(2.0)
.010
(.25)
.315
(8.00)
MAX
WHITE DOT
DENOTES
PIN #1
10 11 12
39
2
1
12
10 11 12
39
2
1
(1) TSD-1251 LEAD LENGTH
.394
(10.0)
PACKAGE
SCHEMATIC
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE 0OC TO 70OC
PHYSICAL DIMENSIONS .... DIMENSIONS IN mm (inches)
FEATURES
™ 1.5, 2.25 to 2.34 Watts
š Up to 80% Efficiency
› Momentary Short Circuit Protection
œ 12-Pin SIP Package
GENERAL SPECIFICATIONS
O Efficiency (unregulated) ....................... 70%
O Efficiency (regulated) ............................ 50%
O Switching Frequency ................. 50KHz min.
O Isolation Voltage ..................... 500Vdc min.
O Operating Temperature ........... 0 to +70OC
INPUT SPECIFICATIONS
O Voltage .................................5,12 or 24Vdc
O Voltage Range ........................................ ±5%
O Input Filter ................................................ Cap
OUTPUT SPECIFICATIONS
O Voltage ........................................... Per Table
O Voltage Accuracy .................................. ±5%
O Ripple & Noise 20MHz BW ........ 100mV p-p
O Load Regulation (unregulated)........... ±8%
O Load Regulation (regulated)............... ±.5%
PART
NUMBER
INPUT
VOLTAGE
(Vdc)
OUTPUT
VOLTAGE
(Vdc)
OUTPUT
CURRENT
(mA max.)
REGULATED
OUTPUT
INPUT CURRENT (mA typ.)
NO LOAD
FULL LOAD
S6AU050925
5
9
250
NO
------
600
TSD-1251 (1)
5
9
250
NO
------
600
S6AU120925
12
9
250
NO
------
300
TSD-515
5
5.2
450
NO
------
600
S6AU242407(2)
24
24
70
YES
------
------
P
M
S6AUXXXXXX
YYWW
SCHEMATIC DIAGRAM
1
2
3
9
10
11
12
DC/DC CONVERTER
+IN NC NC
-IN
+OUT
-OUT
NC
PIN
NUMBER FUNCTION
1
+INPUT
2NC
3NC
4
OMITTED
5
OMITTED
6
OMITTED
7
OMITTED
8
OMITTED
9NC
10
-OUTPUT
11
+OUTPUT
12
-INPUT
(1) TSD-1251 LEAD LENGTH IS .472" (12.0mm)
(2) S6AU242407: L=1.35'(34.3mm)MAX.W =.40"(10.16mm)MAX,
HT=.61(15.5mm)MAX.
MAY MARK ON
THIS SIDE


Numéro de pièce similaire - TSD515

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TSD5 ETC1-TSD5 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
FENGJUI TECHNOLOGY CO.,...
TSD561 FENGJUI-TSD561 Datasheet
299Kb / 4P
   SMD POWER INDUCTOR-RoHS
logo
STMicroelectronics
TSD56120 STMICROELECTRONICS-TSD56120 Datasheet
311Kb / 15P
   RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
TSD57030 STMICROELECTRONICS-TSD57030 Datasheet
262Kb / 7P
   RF POWER TRANSISTORS The LdmoST FAMILY
TSD57045 STMICROELECTRONICS-TSD57045 Datasheet
234Kb / 11P
   RF POWER TRANSISTORS The LdmoSTFAMILY
More results

Description similaire - TSD515

FabricantNo de pièceFiches techniqueDescription
logo
Premier Magnetics, Inc.
S6AU050925 PMI-S6AU050925 Datasheet
25Kb / 1P
   2.25 WATT SIP DC/DC CONVERTERS
B4AR120925 PMI-B4AR120925 Datasheet
24Kb / 1P
   2.25 WATT ETHERNET DC/DC CONVERTERS
logo
Tumbler Technologies + ...
TSC2-2S053.3N TRUMPOWER-TSC2-2S053.3N Datasheet
27Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 2 Watt
logo
Premier Magnetics, Inc.
S4AD050520 PMI-S4AD050520 Datasheet
26Kb / 1P
   2.00 WATT SIP DC/DC CONVERTERS 1000Vdc ISOLATION
S3AS051217 PMI-S3AS051217 Datasheet
33Kb / 1P
   2.00 WATT MINI-SIP DC/DC CONVERTERS 500Vdc ISOLATION
logo
Tumbler Technologies + ...
TSC-1S053.3 TRUMPOWER-TSC-1S053.3 Datasheet
15Kb / 1P
   DC/DC CONVERTERS 7-Pin SIP, Regulated 1 Watt
TS1-1S0505N TRUMPOWER-TS1-1S0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 4-pin SIP, 0.25 to 1 Watt
TSC-3QS0505N TRUMPOWER-TSC-3QS0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
logo
List of Unclassifed Man...
MAU101 ETC-MAU101 Datasheet
69Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters (Single and Dual Outputs)
logo
C&D Technologies
HPR10XX CANDD-HPR10XX Datasheet
46Kb / 4P
   1.0 WATT UNREGULATED SIP DC/DC CONVERTER
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com