Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-1931-600 Fiches technique(PDF) 6 Page - Agilent(Hewlett-Packard)

No de pièce HCPL-1931-600
Description  Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-1931-600 Fiches technique(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-1931-600 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-1931-600 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-1931-600 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-1931-600 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-1931-600 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-1931-600 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-1931-600 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-1931-600 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-1931-600 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Group A
Limits
Sub-
Parameter
Symbol
Test Conditions
groups
Min.
Typ.* Max. Units Fig.
Note
High Level Output
IOH
VCC = 5.5 V, VO = 5.5 V
1, 2, 3
20
250
µA3
3
Current
II = 250 µA, VE = 2.0 V
Low Level
VOL
VCC = 5.5 V; II = 10 mA
Output Voltage
VE = 2.0 V,
1, 2, 3
0.3
0.6
V
1
3
IOL (Sinking) = 10 mA
II = 10 mA
2.2
2.6
Input Voltage
VI
1, 2, 3
V
2
3
II = 60 mA
2.35
2.75
Input Reverse
VR
IR = 10 mA
1, 2, 3
0.8
1.10
V
3
Voltage
Low Level Enable
IEL
VCC = 5.5 V, VE = 0.5 V
1, 2, 3
-1.45
-2.0
mA
3
Current
High Level Enable
VEH
1, 2, 3
2.0
V
3, 12
Voltage
Low Level Enable
VEL
1, 2, 3
0.8
V
3
Voltage
High Level
ICCH
VCC = 5.5 V; II = 0,
1, 2, 3
21
28
mA
Supply Current
V
E = 0.5 V both channels
Low Level
I
CCL
V
CC = 5.5 V; II = 60 mA,
1, 2, 3
27
36
mA
Supply Current
V
E = 0.5 V both channels
Input-Output
Relative Humidity = 45%
Insulation
I
I-O
t = 5 s,
1
1
µA4
Leakage Current
V
I-O = 1500 Vdc
Propagation Delay
9
55
100
Time to High
t
PLH
R
L = 510 Ω; CL = 50 pF,
ns
4, 5
3, 5
Output Level
I
I = 13 mA,VCC = 5.0 V
10, 11
140
Propagation Delay
9
60
100
Time to Low
t
PHL
R
L = 510 Ω; CL = 50 pF,
ns
4, 5
3, 6
Output Level
I
I = 13 mA, VCC = 5.0 V
10, 11
120
Common Mode
V
CM = 50 V (peak),
Transient
|CM
H|VO (min.) = 2 V,
9, 10, 11
1000
10,000
V/
µs
8, 9
3, 9,
Immunity at
R
L = 510 Ω; II = 0 mA,
14
High Output Level
V
CC = 5.0 V
Common Mode
V
CM = 50 V (peak),
Transient
|CM
L|VO (max.) = 0.8 V,
9, 10, 11
1000
10,000
V/
µs
8, 9
3, 10,
Immunity at
R
L = 510 Ω; II = 10 mA,
14
Low Output Level
V
CC = 5.0 V
*All typical values are at V
CC = 5 V, TA = 25°C.
Electrical Specifications T
A = -55°C to 125°C unless otherwise stated. See note 15.


Numéro de pièce similaire - HCPL-1931-600

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-1931 AVAGO-HCPL-1931 Datasheet
742Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Broadcom Corporation.
HCPL-1931 BOARDCOM-HCPL-1931 Datasheet
1Mb / 13P
   Dual-Channel Line Receiver Hermetically Sealed Optocoupler
More results

Description similaire - HCPL-1931-600

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LS2323 TI-SN74LS2323 Datasheet
311Kb / 9P
[Old version datasheet]   DUAL LINE RECEIVER
logo
National Semiconductor ...
DS9622 NSC-DS9622 Datasheet
199Kb / 7P
   Dual Line Receiver
DS75107 NSC-DS75107 Datasheet
227Kb / 9P
   Dual Line Receiver
logo
Texas Instruments
SN75140 TI-SN75140 Datasheet
143Kb / 9P
[Old version datasheet]   DUAL LINE RECEIVER
SN75140 TI1-SN75140_14 Datasheet
718Kb / 18P
[Old version datasheet]   DUAL LINE RECEIVER
logo
National Semiconductor ...
DS7820A NSC-DS7820A Datasheet
250Kb / 8P
   Dual Line Receiver
DS9627 NSC-DS9627 Datasheet
188Kb / 5P
   Dual Line Receiver
logo
Texas Instruments
DS7820A TI1-DS7820A_11 Datasheet
293Kb / 10P
[Old version datasheet]   Dual Line Receiver
logo
National Semiconductor ...
DS7820 NSC-DS7820 Datasheet
123Kb / 6P
   Dual Line Receiver
February 1996
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-193K AVAGO-HCPL-193K Datasheet
697Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com