Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL59440IA-T13 Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL59440IA-T13
Description  400MHz Multiplexing Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59440IA-T13 Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL59440IA-T13 Datasheet HTML 1Page - Intersil Corporation ISL59440IA-T13 Datasheet HTML 2Page - Intersil Corporation ISL59440IA-T13 Datasheet HTML 3Page - Intersil Corporation ISL59440IA-T13 Datasheet HTML 4Page - Intersil Corporation ISL59440IA-T13 Datasheet HTML 5Page - Intersil Corporation ISL59440IA-T13 Datasheet HTML 6Page - Intersil Corporation ISL59440IA-T13 Datasheet HTML 7Page - Intersil Corporation ISL59440IA-T13 Datasheet HTML 8Page - Intersil Corporation ISL59440IA-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN6162.1
September 21, 2005
dG
Differential Gain Error
NTC-7, RL = 150, CL = 1.6pF, AV = 1
0.01
%
NTC-7, RL = 150, CL = 5.5pF, AV = 2
0.05
%
dP
Differential Phase Error
NTC-7, RL = 150, CL = 1.6pF, AV = 1
0.02
°
NTC-7, RL = 150, CL = 5.5pF, AV = 2
0.02
°
+SR
Slew Rate
25% to 75%, AV = 1, VOUT = 4V, RL = 500Ω,
CL = 1.6pF
1053
V/
µs
25% to 75%, AV = 2, VOUT = 5V, RL = 500Ω,
CL = 5.5pF
1470
V/
µs
-SR
Slew Rate
25% to 75%, AV = 1, VOUT = 4V, RL = 500Ω,
CL = 1.6pF
925
V/
µs
25% to 75%, AV = 2, VOUT = 5V, RL = 500Ω,
CL= 5.5pF
1309
V/
µs
PSRR
Power Supply Rejection Ratio
DC, PSRR V+ & V- combined
-50
-58
dB
ISO
Channel Isolation
f = 10MHz, Ch-Ch X-Talk and Off Isolation,
CL = 5.5pF
75
dB
SWITCHING CHARACTERISTICS
VGLITCH
Channel-to-Channel Switching Glitch
VIN = 0V, CL = 5.5pF, AV = 2
1
mVP-P
ENABLE Switching Glitch
VIN = 0V, CL = 5.5pF, AV = 2
800
mVP-P
HIZ Switching Glitch
VIN = 0V, CL= 5.5pF, AV = 2
375
mVP-P
tSW-L-H
Channel Switching Time Low to High
1.2V logic threshold to 10% movement of
analog output
25
ns
tSW-H-L
Channel Switching Time High to Low
1.2V logic threshold to 10% movement of
analog output
20
ns
TRANSIENT RESPONSE
tR, tF
Rise & Fall Time, 10% to 90%
AV = 1, RF = 332Ω, VOUT = 100mVP-P,
CL = 1.6pF, CG = 0.6pF
0.65
ns
AV = 2, RF = RG = 511Ω, VOUT = 2VP-P,
CL = 5.5pF, CG = 0.6pF
1.51
ns
tS
0.1% Settling Time
AV = 2, RF = RG = 511Ω, VOUT = 2VP-P,
CL = 5.5pF, CG = 0.6pF
9.0
ns
OS
Overshoot
AV = 1, RF = 332Ω, VOUT = 100mVP-P,
CL = 1.6pF, CG = 0.6pF
17.85
%
AV = 2, RF = RG = 511Ω, VOUT = 2VP-P,
CL = 5.5pF, CG = 0.6pF
12.65
%
tPLH
Propagation Delay - Low to High,
10% to 10%
AV = 1, RF = 332Ω, VOUT = 100mVP-P,
CL = 1.6pF, CG = 0.6pF
0.54
ns
AV = 2, RF = RG = 511Ω, VOUT = 2VP-P,
CL = 5.5pF, CG = 0.6pF
0.99
ns
tPHL
Propagation Delay- High to Low,
10% to 10%
AV = 1, RF = 332Ω, VOUT = 100mVP-P,
CL = 1.6pF, CG = 0.6pF
0.57
ns
AV = 2, RF = RG = 511Ω, VOUT = 2VP-P,
CL = 5.5pF, CG = 0.6pF
1.02
ns
Electrical Specifications
V+ = +5V, V- = -5V, GND = 0V, TA = 25°C, RL = 500Ω to GND unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
ISL59440


Numéro de pièce similaire - ISL59440IA-T13

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59440IA INTERSIL-ISL59440IA Datasheet
435Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59440IA RENESAS-ISL59440IA Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59440IAZ INTERSIL-ISL59440IAZ Datasheet
435Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59440IAZ RENESAS-ISL59440IAZ Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
More results

Description similaire - ISL59440IA-T13

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59440 INTERSIL-ISL59440_07 Datasheet
435Kb / 12P
   400MHz Multiplexing Amplifier
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
   400MHz Multiplexing Amplifier
July 3, 2012
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
   900MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
logo
RF Micro Devices
RF2117 RFMD-RF2117 Datasheet
173Kb / 8P
   HIGH EFFICIENCY 400MHZ AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com