Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL59441 Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL59441
Description  900MHz Multiplexing Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59441 Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL59441 Datasheet HTML 4Page - Intersil Corporation ISL59441 Datasheet HTML 5Page - Intersil Corporation ISL59441 Datasheet HTML 6Page - Intersil Corporation ISL59441 Datasheet HTML 7Page - Intersil Corporation ISL59441 Datasheet HTML 8Page - Intersil Corporation ISL59441 Datasheet HTML 9Page - Intersil Corporation ISL59441 Datasheet HTML 10Page - Intersil Corporation ISL59441 Datasheet HTML 11Page - Intersil Corporation ISL59441 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN6163.2
September 21, 2005
Pin Descriptions
PIN NUMBER
PIN NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
1, 3, 7
NIC
Not Internally Connected; it is recommended this pin be tied to ground to minimize crosstalk
2
IN0
Circuit 1
Input for channel 0
4
IN1
Circuit 1
Input for channel 1
5
GND
Circuit 4
Ground pin
6
IN2
Circuit 1
Input for channel 2
8
IN3
Circuit 1
Input for channel 3
9
S0
Circuit 2
Channel selection pin LSB (binary logic code)
10
S1
Circuit 2
Channel selection pin MSB (binary logic code)
11
V-
Circuit 4
Negative power supply
12
V+
Circuit 4
Positive power supply
13
OUT
Circuit 3
Output
14
IN-
Circuit 1
Inverting input of output amplifier
15
HIZ
Circuit 2
Output disable (active high); there are internal pull-down resistors, so the device will be active with
no connection; “HI” puts the output in high impedance state
16
ENABLE
Circuit 2
Device enable (active low); there are internal pull-down resistors, so the device will be active with
no connection; "HI" puts device into power-down mode
IN
V+
V-
CIRCUIT 1.
LOGIC PIN
V+
V-
GND.
33K
21K
+
-
1.2V
CIRCUIT 2.
V+
V-
OUT
CIRCUIT 3.
V-
V+
CAPACITIVELY
COUPLED
ESD CLAMP
GND
CIRCUIT 4.
AC Test Circuits
FIGURE 24A. TEST CIRCUIT FOR MEASURING WITH A 50
Ω OR
75
Ω INPUT TERMINATED EQUIPMENT
FIGURE 24B. BACKLOADED TEST CIRCUIT FOR VIDEO
CABLE APPLICATION. BANDWIDTH AND
LINEARITY FOR RL LESS THAN 500Ω WILL BE
DEGRADED.
NOTE: Figure 24A illustrates the optimum output load when connecting to input terminated equipment. Figure 24B illustrates backloaded test circuit
for video cable applications.
ISL59441
RS
CL
VIN
TEST
50
or
75
50
or
75
50
or
75
AV = 1, 2
475
or
462.5
RF
RG
EQUIPMENT
ISL59441
RS
CL
VIN
50
Ω or 75Ω
TEST
50
or
75
50
or
75
AV = 1, 2
RF
RG
EQUIPMENT
ISL59441


Numéro de pièce similaire - ISL59441

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
ISL59441IA RENESAS-ISL59441IA Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
ISL59441IA-T13 RENESAS-ISL59441IA-T13 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
ISL59441IA-T7 RENESAS-ISL59441IA-T7 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
ISL59441IAZ RENESAS-ISL59441IAZ Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
More results

Description similaire - ISL59441

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59440 INTERSIL-ISL59440_07 Datasheet
435Kb / 12P
   400MHz Multiplexing Amplifier
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
   400MHz Multiplexing Amplifier
July 3, 2012
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
RF Micro Devices
RF2162 RFMD-RF2162 Datasheet
218Kb / 10P
   3V 900MHZ LINEAR AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com