Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL24011IVZ Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL24011IVZ
Description  High Voltage TFT-LCD Logic Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24011IVZ Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL24011IVZ Datasheet HTML 1Page - Intersil Corporation ISL24011IVZ Datasheet HTML 2Page - Intersil Corporation ISL24011IVZ Datasheet HTML 3Page - Intersil Corporation ISL24011IVZ Datasheet HTML 4Page - Intersil Corporation ISL24011IVZ Datasheet HTML 5Page - Intersil Corporation ISL24011IVZ Datasheet HTML 6Page - Intersil Corporation ISL24011IVZ Datasheet HTML 7Page - Intersil Corporation ISL24011IVZ Datasheet HTML 8Page - Intersil Corporation ISL24011IVZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN6196.0
ISL24011
Octal Voltage Level Shifter for TFT/LCD Panels
High Voltage TFT-LCD Logic Driver
The ISL24011 is a high voltage TFT-LCD logic driver with
+40V and -20V output voltage swing capability. It is
manufactured using Intersil’s proprietary monolithic high
voltage bipolar process and is capable of driving a 4700pF
load in 500ns.
The ISL24011 will level shift a digital input signal to an output
voltage nearly equal to its output supply voltages. The
ISL24011 has 3 supplies. VON1 and VON2 are positive
supplies with a voltage range between +10V and +40V.
VOFF is the negative supply with a voltage range between
-5V and -20V. Outputs 1 through 6 are connected to VON1
and VOFF. Outputs 7 and 8 are connected to VON2 and
VOFF. This configuration enables outputs 1 through 6 to
provide slicing to the row drivers to reduce flicker, and
outputs 7 and 8 to control possible supply lines. VON2
should remain constant. It is possible to tie VON1 and VON2
supplies together, if independent control as described above
is not desired. VON2 is required to be greater than or equal
to VON1 at all times.
The ISL24011 is available in a 20 Ld TSSOP package. It is
specified for operation over the -40°C to +85°C industrial
temperature range.
Features
• 0V to 5.5V Input Voltage Range
• +40V and -20V Output Voltage Range
• 10mA Output Continuous Current (all 8 channels)
• 25mA Output Peak Current (all 8 channels)
• Rise/Fall Times 260ns/290ns
• Propagation Delay 230ns
• 50kHz Input Logic Frequency
• 20 Ld TSSOP Pb-Free Package
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• TFT-LCD panels
Pinout
ISL24011 (20 LD TSSOP)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL24011IVZ
(Note)
24011IVZ
-40 to +85 20 Ld TSSOP
(Pb-free)
M20.173
ISL24011IVZ-T
(Note)
24011IVZ
-40 to +85 20 Ld TSSOP
(Pb-free)
Tape & Reel
M20.173
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
18
19
20
13
17
16
15
14
1
2
3
4
5
7
6
8
GND
IN1
IN2
IN3
IN4
IN5
IN7
IN6
VON1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT1
12
9
IN8
OUT8
11
10
VOFF
VON2
Data Sheet
October 21, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2005. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Numéro de pièce similaire - ISL24011IVZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL24011IVZ INTERSIL-ISL24011IVZ Datasheet
286Kb / 9P
   High Voltage TFT-LCD Logic Driver
logo
Renesas Technology Corp
ISL24011IVZ RENESAS-ISL24011IVZ Datasheet
539Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
March 28, 2006
logo
Intersil Corporation
ISL24011IVZ-T INTERSIL-ISL24011IVZ-T Datasheet
286Kb / 9P
   High Voltage TFT-LCD Logic Driver
logo
Renesas Technology Corp
ISL24011IVZ-T RENESAS-ISL24011IVZ-T Datasheet
539Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
March 28, 2006
More results

Description similaire - ISL24011IVZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
EL5000A INTERSIL-EL5000A_08 Datasheet
346Kb / 12P
   High Voltage TFT-LCD Logic Driver
ISL24011 INTERSIL-ISL24011_06 Datasheet
286Kb / 9P
   High Voltage TFT-LCD Logic Driver
EL5000A INTERSIL-EL5000A Datasheet
486Kb / 11P
   High Voltage TFT-LCD Logic Driver
ISL24010 INTERSIL-ISL24010 Datasheet
288Kb / 9P
   High Voltage TFT-LCD Logic Driver
logo
Renesas Technology Corp
ISL24011 RENESAS-ISL24011 Datasheet
539Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
March 28, 2006
ISL24010 RENESAS-ISL24010 Datasheet
501Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
logo
Texas Instruments
TPS65191 TI1-TPS65191 Datasheet
2Mb / 27P
[Old version datasheet]   Triple High-Voltage Scan Driver for TFT-LCD
TPS65193 TI-TPS65193 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High-Voltage Scan Driver for TFT-LCD
logo
List of Unclassifed Man...
NT3960 ETC1-NT3960 Datasheet
225Kb / 20P
   TFT LCD Source Driver
NT3967 ETC1-NT3967 Datasheet
97Kb / 11P
   TFT LCD Source Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com