Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC74AC573DWR2 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MC74AC573DWR2
Description  OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC573DWR2 Fiches technique(HTML) 5 Page - ON Semiconductor

  MC74AC573DWR2 Datasheet HTML 1Page - ON Semiconductor MC74AC573DWR2 Datasheet HTML 2Page - ON Semiconductor MC74AC573DWR2 Datasheet HTML 3Page - ON Semiconductor MC74AC573DWR2 Datasheet HTML 4Page - ON Semiconductor MC74AC573DWR2 Datasheet HTML 5Page - ON Semiconductor MC74AC573DWR2 Datasheet HTML 6Page - ON Semiconductor MC74AC573DWR2 Datasheet HTML 7Page - ON Semiconductor MC74AC573DWR2 Datasheet HTML 8Page - ON Semiconductor MC74AC573DWR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC74AC573, MC74ACT573
http://onsemi.com
5
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
2.5
13.0
2.0
15.0
ns
3−5
Dn to On
5.0
2.5
10.0
2.0
11.5
tPHL
Propagation Delay
3.3
2.5
12.0
2.0
14.0
ns
3−5
Dn to On
5.0
2.5
9.5
2.0
11.0
tPLH
Propagation Delay
3.3
2.5
13.0
2.0
15.0
ns
3−6
LE to On
5.0
2.5
9.5
2.0
11.0
tPHL
Propagation Delay
3.3
2.5
12.0
2.0
14.0
ns
3−6
LE to On
5.0
2.5
8.5
2.0
10.0
tPZH
Output Enable Time
3.3
2.5
11.0
2.0
12.0
ns
3−7
5.0
2.5
9.0
2.0
10.0
tPZL
Output Enable Time
3.3
2.5
11.0
2.0
12.5
ns
3−8
5.0
2.5
8.5
2.0
9.5
tPHZ
Output Disable Time
3.3
2.5
12.5
2.0
13.5
ns
3−7
5.0
2.5
11.0
2.0
12.0
tPLZ
Output Disable Time
3.3
2.5
9.5
2.0
10.5
ns
3−8
5.0
2.5
8.0
2.0
9.0
*Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Typ
Guaranteed Minimum
ts
Setup Time, HIGH or LOW
3.3
3.5
4.0
ns
3−9
Dn to LE
5.0
3.0
3.5
th
Hold Time, HIGH or LOW
3.3
2.0
2.0
ns
3−9
Dn to LE
5.0
2.0
2.0
tw
LE Pulse Width, HIGH
3.3
6.0
7.0
ns
3−6
5.0
4.0
5.0
*Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.


Numéro de pièce similaire - MC74AC573DWR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74AC573DWR2G ONSEMI-MC74AC573DWR2G Datasheet
103Kb / 10P
   Octal Buffer/Line Driver with 3-State Outputs
March, 2015 ??Rev. 8
More results

Description similaire - MC74AC573DWR2

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com