Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT157 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce 74ACT157
Description  Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT157 Fiches technique(HTML) 4 Page - ON Semiconductor

  74ACT157 Datasheet HTML 1Page - ON Semiconductor 74ACT157 Datasheet HTML 2Page - ON Semiconductor 74ACT157 Datasheet HTML 3Page - ON Semiconductor 74ACT157 Datasheet HTML 4Page - ON Semiconductor 74ACT157 Datasheet HTML 5Page - ON Semiconductor 74ACT157 Datasheet HTML 6Page - ON Semiconductor 74ACT157 Datasheet HTML 7Page - ON Semiconductor 74ACT157 Datasheet HTML 8Page - ON Semiconductor 74ACT157 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MC74AC253, MC74ACT253
http://onsemi.com
4
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74AC
74AC
Unit
Conditions
TA = +25°C
TA =
−40°C to
+85°C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
3.0
1.5
2.1
2.1
VOUT = 0.1 V
4.5
2.25
3.15
3.15
V
or VCC − 0.1 V
5.5
2.75
3.85
3.85
VIL
Maximum Low Level
Input Voltage
3.0
1.5
0.9
0.9
VOUT = 0.1 V
4.5
2.25
1.35
1.35
V
or VCC − 0.1 V
5.5
2.75
1.65
1.65
VOH
Minimum High Level
Output Voltage
3.0
2.99
2.9
2.9
IOUT = −50 μA
4.5
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
V
*VIN = VIL or VIH
3.0
2.56
2.46
−12 mA
4.5
3.86
3.76
IOH
−24 mA
5.5
4.86
4.76
−24 mA
VOL
Maximum Low Level
Output Voltage
3.0
0.002
0.1
0.1
IOUT = 50 μA
4.5
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
3.0
0.36
0.44
12 mA
4.5
0.36
0.44
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
μA
VI = VCC, GND
IOZ
Maximum
3−State
Current
VI (OE) = VIL, VIH
5.5
±0.5
±5.0
μA
VI = VCC, GND
VO = VCC, GND
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
8.0
80
μA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
NOTE: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC.


Numéro de pièce similaire - 74ACT157

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74ACT157 ONSEMI-74ACT157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
STMicroelectronics
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
277Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER
74ACT157B STMICROELECTRONICS-74ACT157B Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER
74ACT157B STMICROELECTRONICS-74ACT157B Datasheet
277Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER
More results

Description similaire - 74ACT157

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74AC257 ONSEMI-MC74AC257 Datasheet
182Kb / 12P
   Quad 2?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 7
MC74AC153 ONSEMI-MC74AC153 Datasheet
180Kb / 12P
   Dual 4?묲nput Multiplexer
March, 2006 ??Rev. 7
MC74AC352 ONSEMI-MC74AC352 Datasheet
178Kb / 7P
   Dual 4?묲nput Multiplexer
June, 2006 ??Rev. 4
NL27WZ126 ONSEMI-NL27WZ126_06 Datasheet
73Kb / 6P
   Dual Buffer with 3?뭆tate Outputs
April, 2006 ??Rev. 6
NL27WZ125 ONSEMI-NL27WZ125_06 Datasheet
71Kb / 5P
   Dual Buffer with 3?뭆tate Outputs
April, 2006 ??Rev. 5
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253 Datasheet
88Kb / 8P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253_00 Datasheet
102Kb / 9P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74AC253 FAIRCHILD-74AC253_07 Datasheet
326Kb / 12P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74F253 FAIRCHILD-74F253 Datasheet
58Kb / 6P
   Dual 4-Input Multiplexer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com