Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS8870 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FDS8870
Description  N-Channel PowerTrench MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8870 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FDS8870 Datasheet HTML 1Page - Fairchild Semiconductor FDS8870 Datasheet HTML 2Page - Fairchild Semiconductor FDS8870 Datasheet HTML 3Page - Fairchild Semiconductor FDS8870 Datasheet HTML 4Page - Fairchild Semiconductor FDS8870 Datasheet HTML 5Page - Fairchild Semiconductor FDS8870 Datasheet HTML 6Page - Fairchild Semiconductor FDS8870 Datasheet HTML 7Page - Fairchild Semiconductor FDS8870 Datasheet HTML 8Page - Fairchild Semiconductor FDS8870 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FDS8870 Rev. A3
www.fairchildsemi.com
3
Switching Characteristics (V
GS = 10V)
Drain-Source Diode Characteristics
Notes:
1: Starting TJ = 25°C, L = 1mH, IAS = 29A, VDD = 30V, VGS = 10V.
2: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the
drain pins. RθJC is guaranteed by design while RθJA is determined by the user’s board design.
3: RθJA is measured with 1.0 in
2 copper on FR-4 board
4: FDS8870_NL is lead free product. FDS8870_NL marking will appear on the reel label.
tON
Turn-On Time
VDD = 15V, ID = 18A
VGS = 10V, RGS = 3.3Ω
--
86
ns
td(ON)
Turn-On Delay Time
-
9
-
ns
tr
Rise Time
-
48
-
ns
td(OFF)
Turn-Off Delay Time
-
60
-
ns
tf
Fall Time
-
21
-
ns
tOFF
Turn-Off Time
-
-
122
ns
VSD
Source to Drain Diode Voltage
ISD = 18A
-
-
1.25
V
ISD = 2.1A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 18A, dISD/dt = 100A/µs-
-
37
ns
QRR
Reverse Recovered Charge
ISD = 18A, dISD/dt = 100A/µs-
-
22
nC


Numéro de pièce similaire - FDS8870

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS8870 FAIRCHILD-FDS8870 Datasheet
633Kb / 12P
   N-Channel PowerTrench짰 MOSFET
FDS8870 FAIRCHILD-FDS8870_07 Datasheet
633Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results

Description similaire - FDS8870

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com