Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS6673AZ Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDS6673AZ
Description  30 Volt P-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6673AZ Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDS6673AZ Datasheet HTML 1Page - Fairchild Semiconductor FDS6673AZ Datasheet HTML 2Page - Fairchild Semiconductor FDS6673AZ Datasheet HTML 3Page - Fairchild Semiconductor FDS6673AZ Datasheet HTML 4Page - Fairchild Semiconductor FDS6673AZ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.fairchildsemi.com
FDS6673AZ Rev. C(W)
Typical Characteristics
0
2
4
6
8
10
010
20
304050
60708090
Q
g, GATE CHARGE (nC)
I
D = -14.5A
V
DS = -10V
-15V
-20V
0
1000
2000
3000
4000
5000
6000
05
10
15
20
25
30
-V
DS, DRAIN TO SOURCE VOLTAGE (V)
C
ISS
C
OSS
C
RSS
f = 1 MHz
V
GS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.01
0.1
1
10
100
-V
DS, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
100
µs
R
DS(ON) LIMIT
V
GS = -10V
SINGLE PULSE
RθJA = 125°C/W
T
A = 25°C
10ms
1ms
10s
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
t
1, TIME (sec)
SINGLE PULSE
RθJA = 125°C/W
T
A = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA (t) = r(t) * RθJA
RθJA = 125
°C/W
TJ - TA = P * RθJA (t)
Duty Cycle, D = t1/t2
P(pk)
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.
t1
t2


Numéro de pièce similaire - FDS6673AZ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS6673BZ FAIRCHILD-FDS6673BZ Datasheet
376Kb / 6P
   P-Channel PowerTrench MOSFET -30V, -14.5A, 7.8m Ohm
logo
ON Semiconductor
FDS6673BZ-F085 ONSEMI-FDS6673BZ-F085 Datasheet
510Kb / 6P
   P-Channel PowerTrench짰 MOSFET -30V, -14.5A, 7.8m廓
September-2017, Rev. 2
logo
VBsemi Electronics Co.,...
FDS6673BZ-NL VBSEMI-FDS6673BZ-NL Datasheet
994Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Description similaire - FDS6673AZ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS6679 FAIRCHILD-FDS6679 Datasheet
69Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS6681Z FAIRCHILD-FDS6681Z Datasheet
108Kb / 6P
   30 Volt P-Channel PowerTrench MOSFET
FDS7779Z FAIRCHILD-FDS7779Z Datasheet
318Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS7079ZN3 FAIRCHILD-FDS7079ZN3 Datasheet
183Kb / 6P
   30 Volt P-Channel PowerTrench MOSFET
FDS6679Z FAIRCHILD-FDS6679Z Datasheet
66Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS4435BZ FAIRCHILD-FDS4435BZ Datasheet
94Kb / 4P
   30 Volt P-Channel PowerTrench MOSFET
FDZ208P FAIRCHILD-FDZ208P Datasheet
195Kb / 5P
   P-Channel 30 Volt PowerTrench BGA MOSFET
FDS4935BZ FAIRCHILD-FDS4935BZ Datasheet
154Kb / 5P
   Dual 30 Volt P-Channel PowerTrench MOSFET
FDS6679 FAIRCHILD-FDS6679_05 Datasheet
98Kb / 4P
   30 Volt P-Channel PowerTrench짰 MOSFET
FDMC510P FAIRCHILD-FDMC510P Datasheet
277Kb / 7P
   P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com