Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M9F52150 Fiches technique(PDF) 3 Page - Schneider Electric

No de pièce M9F52150
Description  Multi 9 - C60BPR - MCB - 1P - 50 A - C Curve - 240 V - 10 kA - UL 489
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SCHNEIDER [Schneider Electric]
Site Internet  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

M9F52150 Fiches technique(HTML) 3 Page - Schneider Electric

  M9F52150 Datasheet HTML 1Page - Schneider Electric M9F52150 Datasheet HTML 2Page - Schneider Electric M9F52150 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
No need of specific recycling operations
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
3


Numéro de pièce similaire - M9F52150

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
M9F52101 SCHNEIDER-M9F52101 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 1 A - C Curve - 277 V - 10 kA - UL 489
M9F52102 SCHNEIDER-M9F52102 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 2 A - C Curve - 277 V - 10 kA - UL 489
M9F52104 SCHNEIDER-M9F52104 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 4 A - C Curve - 277 V - 10 kA - UL 489
M9F52106 SCHNEIDER-M9F52106 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 6 A - C Curve - 277 V - 10 kA - UL 489
M9F52108 SCHNEIDER-M9F52108 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 8 A - C Curve - 277 V - 10 kA - UL 489
More results

Description similaire - M9F52150

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
M9F52140 SCHNEIDER-M9F52140 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 40 A - C Curve - 240 V - 10 kA - UL 489
M9F54150 SCHNEIDER-M9F54150 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 50 A - Z Curve - 240 V - 10 kA - UL 489
M9F53150 SCHNEIDER-M9F53150 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 50 A - D Curve - 240 V - 10 kA - UL 489
M9F52145 SCHNEIDER-M9F52145 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 45 A - C Curve - 240 V - 10 kA - UL 489
M9F52163 SCHNEIDER-M9F52163 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 63 A - C Curve - 240 V - 10 kA - UL 489
M9F52110 SCHNEIDER-M9F52110 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 10 A - C Curve - 277 V - 10 kA - UL 489
M9F52350 SCHNEIDER-M9F52350 Datasheet
101Kb / 3P
   Multi 9 - C60BPR - MCB - 3P - 50 A - C Curve - 240 V - 10 kA - UL 489
M9F52250 SCHNEIDER-M9F52250 Datasheet
92Kb / 3P
   Multi 9 - C60BPR - MCB - 2P - 50 A - C Curve - 240 V - 10 kA - UL 489
M9F53145 SCHNEIDER-M9F53145 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 45 A - D Curve - 240 V - 10 kA - UL 489
M9F53140 SCHNEIDER-M9F53140 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 40 A - D Curve - 240 V - 10 kA - UL 489
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com