Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMG3012NT1 Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce MMG3012NT1
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMG3012NT1 Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button MMG3012NT1 Datasheet HTML 4Page - NXP Semiconductors MMG3012NT1 Datasheet HTML 5Page - NXP Semiconductors MMG3012NT1 Datasheet HTML 6Page - NXP Semiconductors MMG3012NT1 Datasheet HTML 7Page - NXP Semiconductors MMG3012NT1 Datasheet HTML 8Page - NXP Semiconductors MMG3012NT1 Datasheet HTML 9Page - NXP Semiconductors MMG3012NT1 Datasheet HTML 10Page - NXP Semiconductors MMG3012NT1 Datasheet HTML 11Page - NXP Semiconductors MMG3012NT1 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
RF Device Data
Freescale Semiconductor, Inc.
MMG3012NT1
50 OHM TYPICAL CHARACTERISTICS
Table 10. Common Emitter S--Parameters (VCC =5 Vdc, TA =25C, 50 Ohm System) (continued)
f
MHz
S11
S21
S12
S22
|S11|

|S21|

|S12|

|S22|

2300
0.19385
112.219
6.16340
72.929
0.09326
--15.366
0.26829
156.541
2350
0.19754
110.678
6.07930
71.134
0.09383
--16.084
0.27135
155.373
2400
0.20084
109.125
5.99646
69.327
0.09424
--16.717
0.27492
154.124
2450
0.20423
107.523
5.91022
67.546
0.09462
--17.459
0.27881
153.075
2500
0.20717
105.937
5.82783
65.858
0.09514
--18.149
0.28300
151.824
2550
0.20983
104.482
5.75180
64.078
0.09561
--18.867
0.28750
150.28
2600
0.21214
102.92
5.67379
62.378
0.09610
--19.566
0.29276
148.947
2650
0.21446
101.252
5.59418
60.667
0.09647
--20.335
0.29839
147.403
2700
0.21638
99.767
5.51853
58.949
0.09688
--21.012
0.30389
145.776
2750
0.21837
98.143
5.44472
57.276
0.09737
--21.79
0.30941
143.933
2800
0.22001
96.523
5.37675
55.629
0.09779
--22.573
0.31537
142.001
2850
0.22117
95.017
5.30584
53.932
0.09840
--23.199
0.32118
140.215
2900
0.22351
93.331
5.24121
52.348
0.09877
--24.027
0.32764
138.273
2950
0.22552
91.634
5.17536
50.712
0.09912
--24.843
0.33369
136.168
3000
0.22752
90.219
5.11494
49.089
0.09981
--25.546
0.34034
134.188
3050
0.23097
88.535
5.05825
47.462
0.10036
--26.365
0.34528
132.091
3100
0.23369
87.054
4.99713
45.82
0.10085
--27.171
0.35126
129.624
3150
0.23656
85.789
4.94222
44.188
0.10141
--27.968
0.35690
127.421
3200
0.23989
84.265
4.88930
42.551
0.10188
--28.842
0.36188
125.127
3250
0.24360
82.93
4.83457
40.954
0.10239
--29.629
0.36735
122.986
3300
0.24688
81.534
4.78423
39.327
0.10292
--30.452
0.37180
120.634
3350
0.25052
80.161
4.73023
37.654
0.10350
--31.434
0.37649
118.449
3400
0.25455
78.818
4.68010
36.023
0.10402
--32.349
0.38152
116.317
3450
0.25901
77.562
4.63102
34.476
0.10446
--33.239
0.38553
114.07
3500
0.26341
76.264
4.58330
32.823
0.10504
--34.166
0.39006
112.169
3550
0.26813
74.959
4.53327
31.168
0.10524
--35.066
0.39457
110.035
3600
0.27237
73.713
4.48601
29.586
0.10576
--36.008
0.39878
107.887


Numéro de pièce similaire - MMG3012NT1

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MMG3012NT1 FREESCALE-MMG3012NT1 Datasheet
221Kb / 12P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1 Datasheet
499Kb / 15P
   Heterojunction Bipolar Transistor
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_12 Datasheet
499Kb / 15P
   Heterojunction Bipolar Transistor
More results

Description similaire - MMG3012NT1

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_08 Datasheet
340Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com