Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMG3012NT1 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce MMG3012NT1
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMG3012NT1 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button MMG3012NT1 Datasheet HTML 2Page - NXP Semiconductors MMG3012NT1 Datasheet HTML 3Page - NXP Semiconductors MMG3012NT1 Datasheet HTML 4Page - NXP Semiconductors MMG3012NT1 Datasheet HTML 5Page - NXP Semiconductors MMG3012NT1 Datasheet HTML 6Page - NXP Semiconductors MMG3012NT1 Datasheet HTML 7Page - NXP Semiconductors MMG3012NT1 Datasheet HTML 8Page - NXP Semiconductors MMG3012NT1 Datasheet HTML 9Page - NXP Semiconductors MMG3012NT1 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
RF Device Data
Freescale Semiconductor, Inc.
MMG3012NT1
50 OHM APPLICATION CIRCUIT: 300--3600 MHz
Figure 17. 50 Ohm Test Circuit Schematic
RF
OUTPUT
RF
INPUT
VSUPPLY
C3
C4
Z1
Z2
C1
Z5
C2
R1
L1
VCC
Z4
Z3
DUT
Figure 18. S21, S11 and S22 versus Frequency
--30
30
f, FREQUENCY (MHz)
S22
800
20
10
0
--10
--20
Figure 19. 50 Ohm Test Circuit Component Layout
C1
L1
C2
R1
C4
C3
Z1, Z5
0.347 x 0.058 Microstrip
Z2
0.575 x 0.058 Microstrip
Z3
0.172 x 0.058 Microstrip
Z4
0.403 x 0.058 Microstrip
PCB
Getek Grade ML200C, 0.031, r =4.1
S21
S11
1300
300
1800
2300
2800
3300
3800
MMG30XX
Rev 2
VCC =5 Vdc
Table 9. 50 Ohm Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C2
150 pF Chip Capacitors
C0603C151J5RAC
Kemet
C3
0.01 F Chip Capacitor
C0603C103J5RAC
Kemet
C4
1000 pF Chip Capacitor
C0603C102J5RAC
Kemet
L1
56 nH Chip Inductor
HK160856NJ--T
Taiyo Yuden
R1
0 Ω Chip Resistor
ERJ3GEY0R00V
Panasonic


Numéro de pièce similaire - MMG3012NT1

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MMG3012NT1 FREESCALE-MMG3012NT1 Datasheet
221Kb / 12P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1 Datasheet
499Kb / 15P
   Heterojunction Bipolar Transistor
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_12 Datasheet
499Kb / 15P
   Heterojunction Bipolar Transistor
More results

Description similaire - MMG3012NT1

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_08 Datasheet
340Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com