Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMG3005NT1 Fiches technique(PDF) 13 Page - NXP Semiconductors

No de pièce MMG3005NT1
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMG3005NT1 Fiches technique(HTML) 13 Page - NXP Semiconductors

Back Button MMG3005NT1 Datasheet HTML 9Page - NXP Semiconductors MMG3005NT1 Datasheet HTML 10Page - NXP Semiconductors MMG3005NT1 Datasheet HTML 11Page - NXP Semiconductors MMG3005NT1 Datasheet HTML 12Page - NXP Semiconductors MMG3005NT1 Datasheet HTML 13Page - NXP Semiconductors MMG3005NT1 Datasheet HTML 14Page - NXP Semiconductors MMG3005NT1 Datasheet HTML 15Page - NXP Semiconductors MMG3005NT1 Datasheet HTML 16Page - NXP Semiconductors MMG3005NT1 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MMG3005NT1
13
RF Device Data
Freescale Semiconductor
50 OHM TYPICAL CHARACTERISTICS
Table 10. Common Emitter S--Parameters (VDC =5 Vdc, TA =25C, 50 Ohm System) (continued)
f
MHz
S11
S21
S12
S22
|S11|

|S21|

|S12|

|S22|

2500
0.92917
171.99
1.18240
--90.93
0.00876
105.84
0.77298
139.76
2550
0.93606
169.65
1.06136
--95.41
0.00878
105.17
0.76528
137.41
2600
0.94249
167.38
0.95471
--99.69
0.00880
105.76
0.75557
135.15
2650
0.94659
165.17
0.86109
--103.83
0.00882
107.70
0.74569
132.95
2700
0.95002
163.00
0.77869
--107.89
0.00894
111.20
0.73387
130.86
2750
0.95243
160.86
0.70576
--111.91
0.00932
116.13
0.72034
128.82
2800
0.95418
158.70
0.64070
--115.96
0.01006
121.98
0.70405
126.97
2850
0.95534
156.67
0.58229
--120.08
0.01141
127.95
0.68401
125.22
2900
0.95570
154.64
0.52887
--124.40
0.01358
132.34
0.65990
123.77
2950
0.95565
152.68
0.47907
--128.91
0.01662
134.33
0.63014
122.76
3000
0.95487
150.86
0.43144
--133.65
0.02061
133.72
0.59605
122.51


Numéro de pièce similaire - MMG3005NT1

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MMG3005NT1 FREESCALE-MMG3005NT1 Datasheet
256Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3005NT1 FREESCALE-MMG3005NT1 Datasheet
373Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3005NT1 FREESCALE-MMG3005NT1_08 Datasheet
373Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results

Description similaire - MMG3005NT1

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_08 Datasheet
340Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com