Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M9F17301 Fiches technique(PDF) 2 Page - Schneider Electric

No de pièce M9F17301
Description  Multi 9 - C60L - MCB - 3P - 1 A - C Curve - 415 V - 25 kA
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SCHNEIDER [Schneider Electric]
Site Internet  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

M9F17301 Fiches technique(HTML) 2 Page - Schneider Electric

  M9F17301 Datasheet HTML 1Page - Schneider Electric M9F17301 Datasheet HTML 2Page - Schneider Electric M9F17301 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Magnetic tripping limit
8.5 x In +/- 20 % AC
12 x In +/- 20 % DC
[Ics] rated service breaking capacity
25 kA 50 % EN/IEC 60947-2 - 240 V AC 50/60 Hz
12.5 kA 50 % EN/IEC 60947-2 - 415 V AC 50/60 Hz
10 kA 50 % EN/IEC 60947-2 - 440 V AC 50/60 Hz
50 kA 100 % EN/IEC 60947-2 - <= 125 V DC
Limitation class
3
[Ui] rated insulation voltage
500 V AC 50/60 Hz EN/IEC 60947-2
[Uimp] rated impulse withstand voltage
6 kVEN/IEC 60947-2
Contact position indicator
Yes
Control type
Toggle
Local signalling
ON/OFF indication
Mounting mode
Clip-on
Mounting support
DIN rail
9 mm pitches
6
Height
3.19 in (81 mm)
Width
2.13 in (54 mm)
Depth
2.83 in (72 mm)
Net weight
0.79 lb(US) (0.36 kg)
Color
Grey
Mechanical durability
20000 cycles
Electrical durability
10000 cycles
Provision for padlocking
Padlockable
Connections - terminals
Tunnel type terminal top or bottom) 0.00…0.04 in² (1…25 mm²) - rigid
Tunnel type terminal top or bottom) 0.00…0.04 in² (1…25 mm²) - flexible
Tunnel type terminal top or bottom) 0.00…0.04 in² (1…25 mm²) - flexible with ferrule
Wire stripping length
0.55 in (14 mm) top or bottom
Tightening torque
17.70 lbf.in (2 N.m) top or bottom
Earth-leakage protection
Separate block
Environment
Heat dissipation
6.9 W 415 V - 1 A
IP degree of protection
IP20IEC 60529
IP40 modular enclosure)IEC 60529
Pollution degree
3 EN/IEC 60947-2
Overvoltage category
IV
Tropicalisation
2 IEC 60068-1
Relative humidity
95 % 131 °F (55 °C)
Ambient air temperature for operation
-22…158 °F (-30…70 °C)
Ambient air temperature for storage
-40…176 °F (-40…80 °C)
Ordering and shipping details
Category
00908 - C60N SUPPLEMENTARY PROTECTORS
Discount Schedule
DE2
GTIN
03606480578083
Returnability
No
Country of origin
FR
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
2


Numéro de pièce similaire - M9F17301

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
M9F17302 SCHNEIDER-M9F17302 Datasheet
117Kb / 3P
   Multi 9 - C60L - MCB - 3P - 2 A - C Curve - 415 V - 25 kA
M9F17303 SCHNEIDER-M9F17303 Datasheet
108Kb / 2P
   Multi 9 - C60L - MCB - 3P - 3 A - C Curve - 415 V - 25 kA
M9F17304 SCHNEIDER-M9F17304 Datasheet
117Kb / 3P
   Multi 9 - C60L - MCB - 3P - 4 A - C Curve - 415 V - 25 kA
M9F17306 SCHNEIDER-M9F17306 Datasheet
117Kb / 3P
   Multi 9 - C60L - MCB - 3P - 6 A - C Curve - 415 V - 25 kA
More results

Description similaire - M9F17301

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
M9F17325 SCHNEIDER-M9F17325 Datasheet
117Kb / 3P
   Multi 9 - C60L - MCB - 3P - 25 A - C Curve - 415 V - 25 kA
M9F17303 SCHNEIDER-M9F17303 Datasheet
108Kb / 2P
   Multi 9 - C60L - MCB - 3P - 3 A - C Curve - 415 V - 25 kA
M9F17304 SCHNEIDER-M9F17304 Datasheet
117Kb / 3P
   Multi 9 - C60L - MCB - 3P - 4 A - C Curve - 415 V - 25 kA
M9F17316 SCHNEIDER-M9F17316 Datasheet
117Kb / 3P
   Multi 9 - C60L - MCB - 3P - 16 A - C Curve - 415 V - 25 kA
M9F17310 SCHNEIDER-M9F17310 Datasheet
117Kb / 3P
   Multi 9 - C60L - MCB - 3P - 10 A - C Curve - 415 V - 25 kA
M9F17306 SCHNEIDER-M9F17306 Datasheet
117Kb / 3P
   Multi 9 - C60L - MCB - 3P - 6 A - C Curve - 415 V - 25 kA
M9F17302 SCHNEIDER-M9F17302 Datasheet
117Kb / 3P
   Multi 9 - C60L - MCB - 3P - 2 A - C Curve - 415 V - 25 kA
M9F17320 SCHNEIDER-M9F17320 Datasheet
117Kb / 3P
   Multi 9 - C60L - MCB - 3P - 20 A - C Curve - 415 V - 25 kA
M9F17401 SCHNEIDER-M9F17401 Datasheet
120Kb / 2P
   Multi 9 - C60L - MCB - 4P - 1 A - C Curve - 415 V - 25 kA
M9F17201 SCHNEIDER-M9F17201 Datasheet
105Kb / 3P
   Multi 9 - C60L - MCB - 2P - 1 A - C Curve - 415 V - 25 kA
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com