Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC74ACT163D Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce MC74ACT163D
Description  Synchronous Presettable Binary Counter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT163D Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button MC74ACT163D Datasheet HTML 2Page - ON Semiconductor MC74ACT163D Datasheet HTML 3Page - ON Semiconductor MC74ACT163D Datasheet HTML 4Page - ON Semiconductor MC74ACT163D Datasheet HTML 5Page - ON Semiconductor MC74ACT163D Datasheet HTML 6Page - ON Semiconductor MC74ACT163D Datasheet HTML 7Page - ON Semiconductor MC74ACT163D Datasheet HTML 8Page - ON Semiconductor MC74ACT163D Datasheet HTML 9Page - ON Semiconductor MC74ACT163D Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MC74AC161, MC74ACT161, MC74AC163, MC74ACT163
http://onsemi.com
6
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74AC161
74AC161
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Typ
Guaranteed Minimum
ts
Setup Time, HIGH or LOW
3.3
6.0
13.5
16.0
ns
3−9
Pn to CP
5.0
3.5
8.5
10.5
th
Hold Time, HIGH or LOW
3.3
−7.0
−1.0
−0.5
ns
3−9
Pn to CP
5.0
−4.0
0
0
ts
Setup Time, HIGH or LOW
3.3
6.5
11.5
14.0
ns
3−9
PE to CP
5.0
4.0
7.5
8.5
th
Hold Time, HIGH or LOW
3.3
−6.0
0
0
ns
3−9
PE to CP
5.0
−3.5
0.5
1.0
ts
Setup Time, HIGH or LOW
3.3
3.0
6.0
7.0
ns
3−9
CEP or CET to CP
5.0
2.0
4.5
5.0
th
Hold Time, HIGH or LOW
3.3
−3.5
0
0
ns
3−9
CEP or CET to CP
5.0
−2.0
0
0.5
tw
Clock Pulse Width (Load)
3.3
2.0
3.5
4.0
ns
3−6
HIGH or LOW
5.0
2.0
2.5
3.0
tw
Clock Pulse Width (Count)
3.3
2.0
4.0
4.5
ns
3−6
HIGH or LOW
5.0
2.0
3.0
3.5
tw
MR Pulse Width, LOW
3.3
3.0
5.5
7.5
ns
3−6
5.0
2.5
4.5
6.0
trec
Recovery TIme
3.3
−2.0
−0.5
0
ns
3−9
MR to CP
5.0
−1.0
0
0.5
*Voltage Range 3.3 V is 3.3 V ±0.3 V.
*Voltage Range 5.0 V is 5.0 V ±0.5 V.


Numéro de pièce similaire - MC74ACT163D

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74ACT163DG ONSEMI-MC74ACT163DG Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
MC74ACT163DR2G ONSEMI-MC74ACT163DR2G Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
More results

Description similaire - MC74ACT163D

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
logo
National Semiconductor ...
54AC163 NSC-54AC163 Datasheet
190Kb / 12P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com