Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NADB15MF Fiches technique(PDF) 2 Page - Neutrik AG

No de pièce NADB15MF
Description  15 pole D-SUB feedthrough, male to female
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEUTRIK [Neutrik AG]
Site Internet  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NADB15MF Fiches technique(HTML) 2 Page - Neutrik AG

  NADB15MF Datasheet HTML 1Page - Neutrik AG NADB15MF Datasheet HTML 2Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Information
Product
Title
NADB15MF
Gender
male
Electrical
Contact resistance
30 mΩ
Insulation resistance
> 5 GΩ
Number of electronical contacts
15
Rated current per contact
3 A
Rated voltage
50 V ac
Dielectric strength
> 0.5 kVac
Mechanical
Panel thickness
4 mm
Wiresize
Wiring
Feedthrough
Mounting direction
Front mounting
Chassis shape
D
Material
Contact plating
Au
Contacts
Brass (CuZn39Pb3)
Insert
Steel , tin plated, PBT
Shell
Zinc diecast (ZnAl4Cu1)
Shell plating
Nickel
Environmental
Flammability
UL 94-V0
Temperature range
-25 °C to +85 °C
NADB15MF
2
/2


Numéro de pièce similaire - NADB15MF

FabricantNo de pièceFiches techniqueDescription
logo
Neutrik AG
NADB15MF-B NEUTRIK-NADB15MF-B Datasheet
68Kb / 2P
   15 pole D-SUB feedthrough, male to female, black D-shape housing
More results

Description similaire - NADB15MF

FabricantNo de pièceFiches techniqueDescription
logo
Neutrik AG
NADB15MF-B NEUTRIK-NADB15MF-B Datasheet
68Kb / 2P
   15 pole D-SUB feedthrough, male to female, black D-shape housing
NADB15FF-B NEUTRIK-NADB15FF-B Datasheet
87Kb / 2P
   15 pole D-SUB feedthrough, female to female, black D-shape housing
NADB15FF NEUTRIK-NADB15FF Datasheet
88Kb / 2P
   15 pole D-SUB feedthrough, female to female, D-shape nickel housing
NADB9MF NEUTRIK-NADB9MF Datasheet
90Kb / 2P
   9 pole D-SUB feedthrough, male to female, D-shape nickel housing
NADB9MF-B NEUTRIK-NADB9MF-B Datasheet
88Kb / 2P
   9 pole D-SUB feedthrough, male to female, black D-shape housing
NADB9FF NEUTRIK-NADB9FF Datasheet
68Kb / 2P
   9 pole D-SUB feedthrough, female to female, D-shape nickel housing
NADB9FF-B NEUTRIK-NADB9FF-B Datasheet
67Kb / 2P
   9 pole D-SUB feedthrough, female to female, black D-shape housing
logo
WAGO Kontakttechnik Gmb...
289-714 WAGO-289-714 Datasheet
391Kb / 6P
   Interface module; HD-Sub-D; Male connector; 15-pole
289-713 WAGO-289-713 Datasheet
373Kb / 5P
   Interface module; HD-Sub-D; Female connector; 15-pole
logo
Assmann Electronics Inc...
AK373-R ASSMANN-AK373-R Datasheet
116Kb / 1P
   HD D-Sub 15 Pin Female to HD D-Sub
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com