Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC74AC153M Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC74AC153M
Description  Dual 4?묲nput Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC153M Fiches technique(HTML) 1 Page - ON Semiconductor

  MC74AC153M Datasheet HTML 1Page - ON Semiconductor MC74AC153M Datasheet HTML 2Page - ON Semiconductor MC74AC153M Datasheet HTML 3Page - ON Semiconductor MC74AC153M Datasheet HTML 4Page - ON Semiconductor MC74AC153M Datasheet HTML 5Page - ON Semiconductor MC74AC153M Datasheet HTML 6Page - ON Semiconductor MC74AC153M Datasheet HTML 7Page - ON Semiconductor MC74AC153M Datasheet HTML 8Page - ON Semiconductor MC74AC153M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 7
1
Publication Order Number:
MC74AC153/D
MC74AC153, MC74ACT153
Dual 4−Input Multiplexer
The MC74AC153/74ACT153 is a high−speed dual 4−input
multiplexer with common select inputs and individual enable inputs
for each section. It can select two lines of data from four sources. The
two buffered outputs present data in the true (non−inverted) form. In
addition to multiplexer operation, the MC74AC153/74ACT153 can
act as a function generator and generate any two functions of three
variables.
Outputs Source/Sink 24 mA
′ACT153 Has TTL Compatible Inputs
w These devices are available in Pb−free package(s). Specifications herein
apply to both standard and Pb−free devices. Please see our website at
www.onsemi.com for specific Pb−free orderable part numbers, or
contact your local ON Semiconductor sales office or representative.
15
16
14
13
12
11
10
2
1
3
4
567
VCC
9
8
Eb
S0
I3b
I2b
I1b
I0b
Zb
Ea
S1
I3a
I2a
I1a
I0a
Za
GND
Figure 1. Pinout: 16−Lead Packages Conductors
(Top View)
PIN ASSIGNMENT
PIN
FUNCTION
I0a−I3a
Side A Data Inputs
I0b−I3b
Side B Data Inputs
S0, S1
Common Select Inputs
Ea
Side A Enable Input
Eb
Side B Enable Input
Za
Side A Output
Zb
Side B Output
http://onsemi.com
DIP−16
N SUFFIX
CASE 648
1
16
SO−16
D SUFFIX
CASE 751B
1
16
Device
Package
Shipping
ORDERING INFORMATION
MC74AC153N
PDIP−16
25 Units/Rail
MC74AC153D
SOIC−16
48 Units/Rail
MC74AC153DR2
2500 Tape & Reel
TSSOP−16
DT SUFFIX
CASE 948F
MC74AC153DT
TSSOP−16
96 Units/Rail
MC74AC153DTR2 TSSOP−16
SOIC−16
2500 Tape & Reel
MC74ACT153N
PDIP−16
25 Units/Rail
MC74ACT153D
SOIC−16
48 Units/Rail
MC74ACT153DR2
2500 Tape & Reel
MC74ACT153DT
TSSOP−16
96 Units/Rail
SOIC−16
1
16
See general marking information in the device marking
section on page 7 of this data sheet.
DEVICE MARKING INFORMATION
1
16
EIAJ−16
M SUFFIX
CASE 966
MC74AC153M
EIAJ−16
MC74AC153MEL
EIAJ−16
2000 Tape & Reel
MC74ACT153M
EIAJ−16
MC74ACT153MEL
EIAJ−16
2000 Tape & Reel
50 Units/Rail
50 Units/Rail


Numéro de pièce similaire - MC74AC153M

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74AC153 ONSEMI-MC74AC153 Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
MC74AC153DG ONSEMI-MC74AC153DG Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
MC74AC153DR2G ONSEMI-MC74AC153DR2G Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
MC74AC153DTR2G ONSEMI-MC74AC153DTR2G Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
MC74AC153 ONSEMI-MC74AC153_15 Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
More results

Description similaire - MC74AC153M

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74AC352 ONSEMI-MC74AC352 Datasheet
178Kb / 7P
   Dual 4?묲nput Multiplexer
June, 2006 ??Rev. 4
MC74AC253 ONSEMI-MC74AC253 Datasheet
182Kb / 11P
   Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 6
MC10H159 ONSEMI-MC10H159_06 Datasheet
155Kb / 7P
   Quad 2?묲nput Multiplexer
February, 2006 ??Rev. 7
MC74AC20 ONSEMI-MC74AC20_06 Datasheet
122Kb / 8P
   Dual 4?묲nput NAND Gate
October, 2006 ??Rev. 8
MC10H173 ONSEMI-MC10H173 Datasheet
156Kb / 5P
   Quad 2?묲nput Multiplexer/Latch
June, 2006 ??Rev. 7
MC10H209 ONSEMI-MC10H209_06 Datasheet
150Kb / 6P
   Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC10H158 ONSEMI-MC10H158_06 Datasheet
154Kb / 6P
   Quad 2?묲nput Multiplexer (Non?묲nverting)
February, 2006 ??Rev. 7
MC10H109 ONSEMI-MC10H109_06 Datasheet
150Kb / 6P
   Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com