Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM45DL3208GB85IT Fiches technique(PDF) 11 Page - Advanced Micro Devices

No de pièce AM45DL3208GB85IT
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM45DL3208GB85IT Fiches technique(HTML) 11 Page - Advanced Micro Devices

Back Button AM45DL3208GB85IT Datasheet HTML 7Page - Advanced Micro Devices AM45DL3208GB85IT Datasheet HTML 8Page - Advanced Micro Devices AM45DL3208GB85IT Datasheet HTML 9Page - Advanced Micro Devices AM45DL3208GB85IT Datasheet HTML 10Page - Advanced Micro Devices AM45DL3208GB85IT Datasheet HTML 11Page - Advanced Micro Devices AM45DL3208GB85IT Datasheet HTML 12Page - Advanced Micro Devices AM45DL3208GB85IT Datasheet HTML 13Page - Advanced Micro Devices AM45DL3208GB85IT Datasheet HTML 14Page - Advanced Micro Devices AM45DL3208GB85IT Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
March 12, 2004
Am45DL3208G
9
PR EL I M I N ARY
ORDERING INFORMATION
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly re-
leased combinations.
MCP DEVICE BUS OPERATIONS
This section describes the requirements and use of
the device bus operations, which are initiated through
the internal command register. The command register
itself does not occupy any addressable memory loca-
tion. The register is a latch used to store the com-
mands, along with the address and data information
needed to execute the command. The contents of the
register serve as inputs to the internal state machine.
The state machine outputs dictate the function of the
device. Tables 1-3 lists the device bus operations, the
inputs and control levels they require, and the resulting
output. The following subsections describe each of
these operations in further detail.
Am45DL320
8
G
T
70
I
T
TAPE AND REEL
T=
7 inches
S
=
13 inches
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT SECTOR
T
=
Top boot
B
=
Bottom boot
PROCESS TECHNOLOGY
G
=
0.17 µm
PSEUDO SRAM DEVICE DENSITY
8=
8 Mbits
AMD DEVICE NUMBER/DESCRIPTION
Am45DL3208G
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Am29DL320G 32 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation
Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Pseudo Static RAM
Valid Combinations
Order Number
Package Marking
Am45DL3208GT70I
Am45DL3208GB70I
T, S
M450000008
M450000009
Am45DL3208GT85I
Am45DL3208GB85I
T, S
M45000000A
M45000000B


Numéro de pièce similaire - AM45DL3208GB85IT

FabricantNo de pièceFiches techniqueDescription
logo
Analog Power
AM4500C ANALOGPOWER-AM4500C Datasheet
175Kb / 2P
   N & P-Channel 150-V (D-S) MOSFET
logo
AiT Semiconductor Inc.
AM4501 AITSEMI-AM4501 Datasheet
905Kb / 10P
   P & N-CHANNEL
REV1.0
AM4501M8R AITSEMI-AM4501M8R Datasheet
905Kb / 10P
   P & N-CHANNEL
REV1.0
AM4501M8VR AITSEMI-AM4501M8VR Datasheet
905Kb / 10P
   P & N-CHANNEL
REV1.0
logo
Analog Power
AM4502AC ANALOGPOWER-AM4502AC Datasheet
268Kb / 8P
   P & N-Channel 30-V (D-S) MOSFET
More results

Description similaire - AM45DL3208GB85IT

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM41DL6408H AMD-AM41DL6408H Datasheet
1Mb / 66P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42516 AMD-DS42516 Datasheet
953Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com