Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC74ACT151D Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC74ACT151D
Description  1?뭥f?? Decoder/Demultiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT151D Fiches technique(HTML) 1 Page - ON Semiconductor

  MC74ACT151D Datasheet HTML 1Page - ON Semiconductor MC74ACT151D Datasheet HTML 2Page - ON Semiconductor MC74ACT151D Datasheet HTML 3Page - ON Semiconductor MC74ACT151D Datasheet HTML 4Page - ON Semiconductor MC74ACT151D Datasheet HTML 5Page - ON Semiconductor MC74ACT151D Datasheet HTML 6Page - ON Semiconductor MC74ACT151D Datasheet HTML 7Page - ON Semiconductor MC74ACT151D Datasheet HTML 8Page - ON Semiconductor MC74ACT151D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 6
1
Publication Order Number:
MC74AC151/D
MC74AC151, MC74ACT151
1−of−8
Decoder/Demultiplexer
The MC74AC151/74ACT151 is a high−speed 8−input digital
multiplexer. It provides, in one package, the ability to select one line of
data from up to eight sources. The MC74AC151/74ACT151 can be
used as a universal function generator to generate any logic function of
four variables. Both true and complementary outputs are provided.
Outputs Source/Sink 24 mA
′ACT151 Has TTL Compatible Inputs
GND
15
16
14
13
12
11
10
2
1
34567
VCC
9
8
EE
Z
Z
I0
I1
I2
I3
I4
I5
I6
I7
S0
S1
S2
Figure 1. Pinout: 16−Lead Packages Conductors
(Top View)
PIN ASSIGNMENT
PIN
FUNCTION
I0−I7
Data Inputs
S0−S2
Select Inputs
E
Enable Input
Z
Data Output
Z
Inverted Data Output
TRUTH TABLE
Inputs
Outputs
E
S2
S1
S0
Z
Z
H
X
X
X
H
L
L
L
L
L
I0
I0
L
L
L
H
I1
I1
L
L
H
L
I2
I2
L
L
H
H
I3
I3
L
H
L
L
I4
I4
L
H
L
H
I5
I5
L
H
H
L
I6
I6
L
H
H
H
I7
I7
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
http://onsemi.com
DIP−16
N SUFFIX
CASE 648
1
16
SO−16
D SUFFIX
CASE 751B
1
16
Device
Package
Shipping
ORDERING INFORMATION
MC74AC151N
PDIP−16
25 Units/Rail
MC74AC151D
SOIC−16
48 Units/Rail
MC74AC151DR2
2500 Tape & Reel
TSSOP−16
DT SUFFIX
CASE 948F
MC74AC151DT
TSSOP−16
96 Units/Rail
MC74AC151DTR2 TSSOP−16
SOIC−16
2500 Tape & Reel
MC74ACT151N
PDIP−16
25 Units/Rail
MC74ACT151D
SOIC−16
48 Units/Rail
MC74ACT151DR2
2500 Tape & Reel
MC74ACT151DT
TSSOP−16
96 Units/Rail
MC74ACT151DTR2 TSSOP−16
SOIC−16
2500 Tape & Reel
1
16
See general marking information in the device marking
section on page 7 of this data sheet.
DEVICE MARKING INFORMATION
1
16
EIAJ−16
M SUFFIX
CASE 966
MC74AC151M
EIAJ−16
MC74ACT151M
EIAJ−16
50 Units/Rail
50 Units/Rail


Numéro de pièce similaire - MC74ACT151D

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74ACT153 ONSEMI-MC74ACT153 Datasheet
180Kb / 12P
   Dual 4?묲nput Multiplexer
March, 2006 ??Rev. 7
MC74ACT153D ONSEMI-MC74ACT153D Datasheet
180Kb / 12P
   Dual 4?묲nput Multiplexer
March, 2006 ??Rev. 7
MC74ACT153DG ONSEMI-MC74ACT153DG Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
MC74ACT153DR2 ONSEMI-MC74ACT153DR2 Datasheet
180Kb / 12P
   Dual 4?묲nput Multiplexer
March, 2006 ??Rev. 7
MC74ACT153DR2G ONSEMI-MC74ACT153DR2G Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
More results

Description similaire - MC74ACT151D

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74AC138 ONSEMI-MC74AC138 Datasheet
189Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74HC138A ONSEMI-MC74HC138A_05 Datasheet
116Kb / 10P
   1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
MC74AC138DG ONSEMI-MC74AC138DG Datasheet
195Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74HC139A ONSEMI-MC74HC139A_05 Datasheet
110Kb / 10P
   Dual 1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
MC74AC139 ONSEMI-MC74AC139_06 Datasheet
182Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC74AC139DG ONSEMI-MC74AC139DG Datasheet
176Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC14555B ONSEMI-MC14555B_06 Datasheet
96Kb / 6P
   Dual Binary to 1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 8
74HC138 ONSEMI-74HC138 Datasheet
140Kb / 9P
   1?뭥f?? Decoder/ Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HCT138A ONSEMI-MC74HCT138A_05 Datasheet
102Kb / 8P
   1?뭥f?? Decoder/ Demultiplexer with LSTTL Compatible Inputs High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 8
NL7SZ19 ONSEMI-NL7SZ19_07 Datasheet
115Kb / 6P
   1?뭪o?? Decoder/Demultiplexer
February, 2007 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com