Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC74AC151 Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce MC74AC151
Description  1?뭥f?? Decoder/Demultiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC151 Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button MC74AC151 Datasheet HTML 2Page - ON Semiconductor MC74AC151 Datasheet HTML 3Page - ON Semiconductor MC74AC151 Datasheet HTML 4Page - ON Semiconductor MC74AC151 Datasheet HTML 5Page - ON Semiconductor MC74AC151 Datasheet HTML 6Page - ON Semiconductor MC74AC151 Datasheet HTML 7Page - ON Semiconductor MC74AC151 Datasheet HTML 8Page - ON Semiconductor MC74AC151 Datasheet HTML 9Page - ON Semiconductor MC74AC151 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC74AC151, MC74ACT151
http://onsemi.com
6
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
Sn to Z
5.0
3.5
15.5
3.0
17.0
ns
3−6
tPHL
Propagation Delay
Sn to Z
5.0
3.5
15.5
3.0
16.5
ns
3−6
tPLH
Propagation Delay
Sn to Z
5.0
3.5
15
3.0
16.5
ns
3−6
tPHL
Propagation Delay
Sn to Z
5.0
4.0
16.5
3.5
18.5
ns
3−6
tPLH
Propagation Delay
E to Z
5.0
2.5
9.5
2.5
10.0
ns
3−6
tPHL
Propagation Delay
E to Z
5.0
2.5
9.0
2.5
10.0
ns
3−6
tPLH
Propagation Delay
E to Z
5.0
2.5
8.5
2.5
9.5
ns
3−6
tPHL
Propagation Delay
E to Z
5.0
3.0
10.0
2.5
10.5
ns
3−6
tPLH
Propagation Delay
In to Z
5.0
3.5
11.5
3.0
12.5
ns
3−6
tPHL
Propagation Delay
In to Z
5.0
3.5
12.0
3.0
13.5
ns
3−6
tPLH
Propagation Delay
In to Z
5.0
3.5
12.0
3.0
13.0
ns
3−6
tPHL
Propagation Delay
In to Z
5.0
4.0
12.5
3.0
14.0
ns
3−6
*Voltage Range 5.0 V is 5.0 V ± 0.5 V
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
70
pF
VCC = 5.0 V


Numéro de pièce similaire - MC74AC151

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74AC153 ONSEMI-MC74AC153 Datasheet
180Kb / 12P
   Dual 4?묲nput Multiplexer
March, 2006 ??Rev. 7
MC74AC153 ONSEMI-MC74AC153 Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
MC74AC153D ONSEMI-MC74AC153D Datasheet
180Kb / 12P
   Dual 4?묲nput Multiplexer
March, 2006 ??Rev. 7
MC74AC153DG ONSEMI-MC74AC153DG Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
MC74AC153DR2 ONSEMI-MC74AC153DR2 Datasheet
180Kb / 12P
   Dual 4?묲nput Multiplexer
March, 2006 ??Rev. 7
More results

Description similaire - MC74AC151

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74AC138 ONSEMI-MC74AC138 Datasheet
189Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74HC138A ONSEMI-MC74HC138A_05 Datasheet
116Kb / 10P
   1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
MC74AC138DG ONSEMI-MC74AC138DG Datasheet
195Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74HC139A ONSEMI-MC74HC139A_05 Datasheet
110Kb / 10P
   Dual 1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
MC74AC139 ONSEMI-MC74AC139_06 Datasheet
182Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC74AC139DG ONSEMI-MC74AC139DG Datasheet
176Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC14555B ONSEMI-MC14555B_06 Datasheet
96Kb / 6P
   Dual Binary to 1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 8
74HC138 ONSEMI-74HC138 Datasheet
140Kb / 9P
   1?뭥f?? Decoder/ Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HCT138A ONSEMI-MC74HCT138A_05 Datasheet
102Kb / 8P
   1?뭥f?? Decoder/ Demultiplexer with LSTTL Compatible Inputs High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 8
NL7SZ19 ONSEMI-NL7SZ19_07 Datasheet
115Kb / 6P
   1?뭪o?? Decoder/Demultiplexer
February, 2007 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com