Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FC1703 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce FC1703
Description  Receiver RFIC for Dual-Band Triple Mode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

FC1703 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FC1703 Datasheet HTML 2Page - List of Unclassifed Manufacturers FC1703 Datasheet HTML 3Page - List of Unclassifed Manufacturers FC1703 Datasheet HTML 4Page - List of Unclassifed Manufacturers FC1703 Datasheet HTML 5Page - List of Unclassifed Manufacturers FC1703 Datasheet HTML 6Page - List of Unclassifed Manufacturers FC1703 Datasheet HTML 7Page - List of Unclassifed Manufacturers FC1703 Datasheet HTML 8Page - List of Unclassifed Manufacturers FC1703 Datasheet HTML 9Page - List of Unclassifed Manufacturers FC1703 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
FC1703
Receiver RFIC for Dual-Band Triple Mode
6 / 17
Last Update 03/28/03
Future
Communications
Integrated circuit Inc.
TYPICAL APPLICATION SCHEMATIC (Cellular CDMA/AMPS & US-PCS)
N1:N2=16:1
*0.3dB Line Loss for PCS*
2
L11
4.7nH
C4
100nF
BufferEn
VCC
C5
1.8pF
SEL3
CDMA_IFB
14
VCC
VCC
SEL1
C9
3pF
C3
3.3pF
13
VCC
C
100nF
RLNA
**CDMA_IF and AMPS_IF tuned to 180MHz
L5
27nH
CLNA_IN
C1
10nF
RCMIX
C16
10nF
C21
10nF
J2
4
FC1703
L4
12nH
*0.2dB Line Loss for Cellular*
R8
20k ohm(1%)
SEL1
*0.05dB Line Loss*
C13
3pF
2
PMIX_IN
L7
27nH
R5
100 ohm
VCC
CLNA_IN
C8
3pF
L8
27nH
S2
C17
10nF
*0.05dB Line Loss*
6
*0.3dB Line Loss for PCS*
6
J10
C15
9pF
L9
56nH
CLNA_GND
TX1
FM_IF
*0.1dB Line Loss*
C6
10nF
J9
C2
10nF
LO/2
S3
FM_IF
*0.15dB Line Loss*
CDMA_IF
*1.5dB Transformer Loss*
PLNA_IN
*0.15dB Line Loss*
R2
10k ohm(1%)
LO_IN
LO_OUT
L10
3.9nH
LO_OUT
*0.2dB Line Loss*
*0.2dB Line Loss for Cellular*
L6
27nH
C19
100nF
1
18
J1
CLNA_OUT
5
L1
6.8nH
CDMA_IF
*0.15dB Line Loss*
R7
3k ohm
BufferEN
J4
R1
30k ohm(1%)
17
PLNA_IN
*R3 & R4 is necessary component.
C20
2.7pF
FM_IFB
VCC
5
1
SEL2
J6
J5
*0.15dB Line Loss*
BUF
C7
10nF
J8
NC
R6
3k ohm
3
(The distances between FC1703 and R3 and FC1703 and
R4 are as short as possible.)
S1
R3
0 ohm
2.7V
4
C11
10nF
L3
8.2nH
PLNA_OUT
C
100pF
R4
0 ohm
15
3
C14
3pF
CMIX_IN
J3
LO/2
16
C18
1.8pF
L2
3.9nH
C10
8pF
VCC
C12
10nF
J7
NOTE: RF and IF matching component values are dependent on board layout, RF and IF SAW filter and the IF
frequency selected. Please contact FCI application engineering for assistance.
-
Measurement Condition
VDD : 2.7V
Low-Band LNA RF Frequency : 869 ~ 894 MHz (Center : 880 MHz)
RF input Power : -30 ~ -25 dBm
Low-Band Mixer RF Frequency : 869 ~ 894 MHz (Center : 880 MHz)
RF input Power : -30 ~ -25 dBm
Low-Band Mixer LO Frequency : 2098 ~ 2148 MHz (Center : 2120 MHz) LO input Power : -5 dBm
High-Band LNA RF Frequency : 1930 ~ 1990 MHz (Center : 1960 MHz) RF input Power : -30 ~ -25 dBm
High-Band Mixer RF Frequency :1930 ~ 1990 MHz (Center : 1960 MHz) RF input Power : -30 ~ -25 dBm
High-Band Mixer LO Frequency :2110 ~ 2170 MHz (Center : 2140 MHz) LO input Power : -5 dBm
Mixer IF Frequency : 180 MHz


Numéro de pièce similaire - FC1703

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
FC1 COOPER-FC1 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
PREMO CORPORATION S.L
FC1-FC3 PREMO-FC1-FC3 Datasheet
137Kb / 1P
   Screened Room Filters
logo
Allied Components Inter...
FC10 ALLIED-FC10 Datasheet
382Kb / 1P
   Ferrite Core Chip Inductors
logo
TE Connectivity Ltd
FC10 TEC-FC10 Datasheet
182Kb / 3P
   Single Phase Power Line Filter for Frequency Converters
logo
Allied Components Inter...
FC10-100K-RC ALLIED-FC10-100K-RC Datasheet
381Kb / 1P
   Ferrite Core Chip Inductors
More results

Description similaire - FC1703

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TRF1500 TI-TRF1500 Datasheet
233Kb / 17P
[Old version datasheet]   DUAL-BAND/DUAL-MODE PCS RECEIVER
logo
Maxim Integrated Produc...
MAX2306MAX2308-MAX2309 MAXIM-MAX2306MAX2308-MAX2309 Datasheet
197Kb / 20P
   Supports Dual-Band, Triple-Mode Operation
Rev 3; 8/04
logo
National Semiconductor ...
DS8925 NSC-DS8925 Datasheet
311Kb / 16P
   LocalTalk??Dual Driver/Triple Receiver
DS8935 NSC-DS8935 Datasheet
172Kb / 12P
   LocalTalk??Dual Driver/Triple Receiver
logo
Mitel Networks Corporat...
SATURN MITEL-SATURN Datasheet
114Kb / 9P
   CDMA/AMPS dual Band IF Receiver for Digital Phones
logo
United Monolithic Semic...
CHM1270A98F UMS-CHM1270A98F_15 Datasheet
307Kb / 8P
   W-Band Dual Channel Transmitter/Receiver
logo
List of Unclassifed Man...
CME6005 ETC2-CME6005 Datasheet
141Kb / 16P
   Single and dual band receiver IC
logo
Micro Analog systems
MAS9081 MAS-MAS9081 Datasheet
190Kb / 12P
   Dual Band Receiver IC High Sensitivity
logo
Mitel Networks Corporat...
VENUS-L MITEL-VENUS-L Datasheet
86Kb / 7P
   CDMA/AMPS Dual Band RF Receiver
logo
Renesas Technology Corp
P9225-R RENESAS-P9225-R Datasheet
1Mb / 35P
   Dual-Mode Wireless Power Receiver for 5W Applications
November 12, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com