Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC6432SH Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FDC6432SH
Description  12V P-Channel PowerTrench MOSFET, 30V PowerTrench SyncFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6432SH Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FDC6432SH Datasheet HTML 1Page - Fairchild Semiconductor FDC6432SH Datasheet HTML 2Page - Fairchild Semiconductor FDC6432SH Datasheet HTML 3Page - Fairchild Semiconductor FDC6432SH Datasheet HTML 4Page - Fairchild Semiconductor FDC6432SH Datasheet HTML 5Page - Fairchild Semiconductor FDC6432SH Datasheet HTML 6Page - Fairchild Semiconductor FDC6432SH Datasheet HTML 7Page - Fairchild Semiconductor FDC6432SH Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDC6432SH Rev B (W)
Electrical CharacteristicsT
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Q
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown
Voltage
VGS = 0 V,
ID = 1 mA
VGS = 0 V,
ID = –250 µA
Q1
Q2
30
–12
V
∆BVDSS
∆TJ
Breakdown Voltage
Temperature Coefficient
ID = 1 mA, Ref to 25°C
ID = –250 µA, Ref to 25°C
Q1
Q2
25
–10
mV/°C
IDSS
Zero Gate Voltage Drain
Current
VDS = 24 V,
VGS = 0 V
VDS = –10 V, VGS = 0 V
Q1
Q2
500
1
µA
IGSS
Gate-Body Leakage
VGS = ±16 V, VDS = 0 V
VGS = ±8 V,
VDS = 0 V
Q1
Q2
±100
±100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 1 mA
VDS = VGS,
ID = –250 µA
Q1
Q2
1
–0.4
1.5
–0.7
3
–1.5
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 1 mA, Ref to 25°C
ID = –250 µA, Ref to 25°C
Q1
Q2
–7
3
mV/°C
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10V,
ID = 2.4A
VGS = 4.5V,
ID = 2.2A
VGS=10V,ID=2.4A,TJ=125°C
Q1
75
85
100
90
105
140
m
RDS(on)
Static Drain-Source
On-Resistance
VGS = –4.5V, ID = –2.5A
VGS = –2.5V, ID = –2.0A
VGS = –1.8V, ID = –1.6A
VGS=–4.5V,ID=2.5A,TJ=125°C
Q2
75
97
154
86
90
125
220
120
m
gFS
Forward Transconductance
VDS = 10 V,
ID = 1 mA
VDS = –5 V
ID = –2.5A
Q1
Q2
7
7
S
RG
Gate Resistance
VGS = 15 mV, f = 1.0 MHz
Q1
Q2
5
13
Dynamic Characteristics
Ciss
Input Capacitance
Q1
Q2
270
514
pF
Coss
Output Capacitance
Q1
Q2
50
234
pF
Crss
Reverse Transfer Capacitance
For Q1:
VDS=15V, VGS=0V, f=1MHz
For Q2:
VDS= –6V, VGS=0V, f=1MHz
Q1
Q2
20
167
pF
Switching Characteristics (Note 2)
td(on)
Turn-on Delay Time
Q1
Q2
5
13
10
23
ns
tr
Turn-on Rise Time
Q1
Q2
8
12
16
22
ns
td(off)
Turn-off Delay Time
Q1
Q2
18
22
32
35
ns
tf
Turn-off Fall Time
For Q1:
VDS = 15 V, ID= 1 A,
VGS = 10 V, RGEN = 6 Ω
For Q2:
VDS = –10 V, ID= –1 A,
VGS = –4.5 V, RGEN = 6 Ω
Q1
Q2
1.2
29
2.4
46
ns
Qg
Total Gate Charge
Q1
Q2
2.5
5.7
3.5
8
nC
Qgs
Gate-Source Charge
Q1
Q2
0.7
1.2
nC
Qgd
Gate-Drain Charge
For Q1:
VDS = 15 V, ID= 2.4 A,
VGS = 5 V
For Q2:
VDS = –10 V, ID= –2.5 A,
VGS = –4.5 V
Q1
Q2
0.6
1.7
nC


Numéro de pièce similaire - FDC6432SH

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDC6401N FAIRCHILD-FDC6401N Datasheet
76Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
79Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDC640P FAIRCHILD-FDC640P_01 Datasheet
79Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDC642 FAIRCHILD-FDC642 Datasheet
269Kb / 8P
   P-Channel 2.5V Specified PowerTrench?줞OSFET
More results

Description similaire - FDC6432SH

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6690S FAIRCHILD-FDS6690S Datasheet
262Kb / 9P
   30V N-Channel PowerTrench SyncFET?
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7066ASN3 FAIRCHILD-FDS7066ASN3 Datasheet
144Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com